Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-C87B Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-C87B
Description  Precision Optically Isolated Voltage Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-C87B Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-C87B Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Figure 1. AFCT-57V6NSZ Simplified Block Diagram
Table 1. General AFCT-57V6NSZ Specifications
Parameter
1000BASE-ZX*
unit
Nominal Bit Rate
1.25
Gbps
Link Loss Budget
17
dB
Minimum Required Link Loss
0
dB
Bit Error Ratio(BER)
<10-12
-
Fiber Core Diameter
9
mm
Operating Range(max)
40
km
† Optical specifications are modified to realize 40 km transmission in singlemode fiber.
DFB-LD
DC Bias
Circuit
Optical
Output
RD +
RD -
TD +
TD-
100 ohm
TZ
AMP
APC
PD
MOD_DEF[1]
TX_FAULT
VccR
VccT
VeT
VeeR
SDA
SCL
SCL
SDA
Module Definition
(A0h)
Digital Diagnostic
Monitoring Interface
(A2h)
Monitor
Modulation
Bias
Circuit
Control Circuit
Circuit
MOD_DEF[2]
TX_DISABLE
Transmitter
RX_LOS
Limiting
Amp
Level
Detector
PIN-PD
Optical
Input
Receiver
Vcc Slow Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com