Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD737KRZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD737KRZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD737KRZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD737KRZ-R7 Datasheet HTML 11Page - Analog Devices AD737KRZ-R7 Datasheet HTML 12Page - Analog Devices AD737KRZ-R7 Datasheet HTML 13Page - Analog Devices AD737KRZ-R7 Datasheet HTML 14Page - Analog Devices AD737KRZ-R7 Datasheet HTML 15Page - Analog Devices AD737KRZ-R7 Datasheet HTML 16Page - Analog Devices AD737KRZ-R7 Datasheet HTML 17Page - Analog Devices AD737KRZ-R7 Datasheet HTML 18Page - Analog Devices AD737KRZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
AD737
Rev. I | Page 15 of 24
Battery Operation
All the level-shifting for battery operation is provided by
the 3½ digit converter, shown in Figure 27. Alternatively, an
external op amp adds flexibility by accommodating nonzero
common-mode voltages and providing output scaling and
offset to zero. When an external operational amplifier is used,
the output polarity is positive going.
Figure 28 shows an op amp used in a single-supply application.
Note that the combined input resistor value (R1 + R2 + 8 kΩ)
matches that of the R5 feedback resistor. In this instance, the
magnitudes of the output dc voltage and the rms of the ac input
are equal. R3 and R4 provide current to offset the output to 0 V.
Scaling the Output Voltage
The output voltage can be scaled to the input rms voltage. For
example, assume that the AD737 is retrofitted to an existing
application using an averaging responding circuit (full-wave
rectifier). The power supply is 12 V, the input voltage is 10 V
ac, and the desired output is 6 V dc.
For convenience, use the same combined input resistance as
shown in Figure 28. Calculate the rms input current as
OUTMAG
INMAG
I
I
=
µ
=
+
+
=
A
125
kΩ
8
kΩ
2.5
kΩ
69.8
V
10
(2)
Next, using the IOUTMAG value from Equation 2, calculate the new
feedback resistor value (R5) required for 6 V output using
kΩ
48.1
μA
125
V
6
=
=
R5
(3)
Select the closest-value standard 1% resistor, 47.5 kΩ.
Because the supply is 12 V, the common-mode voltage at the
R7/R8 divider is 6 V, and the combined resistor value
(R3 + R4) is equal to the feedback resistor, or 47.5 kΩ.
R2 is used to calibrate the transfer function (gain), and R4 sets
the output voltage to zero with no input voltage.
Perform calibration as follows:
1. With no ac input applied, adjust R4 for 0 V.
2. Apply a known input to the input.
3. Adjust the R2 trimmer until the input and output match.
The op amp selected for any single-supply application must be a
rail-to-rail type, for example an AD8541, as shown in Figure 28.
For higher voltages, a higher voltage part, such as an OP196,
can be used. When calibrating to 0 V, the specified voltage
above ground for the operational amplifier must be taken into
account. Adjust R4 slightly higher as appropriate.
Table 6. AD737 Capacitor Selection
Application
RMS Input Level
Low Frequency
Cutoff (−3 dB)
Maximum
Crest Factor
CAV (µF)
CF(µF)
Settling Time1 to 1%
General-Purpose RMS
Computation
0 V to 1 V
20 Hz
5
150
10
360 ms
200 Hz
5
15
1
36 ms
0 mV to 200 mV
20 Hz
5
33
10
360 ms
200 Hz
5
3.3
1
36 ms
General-Purpose Average
Responding
0 V to 1 V
20 Hz
None
33
1.2 sec
200 Hz
None
3.3
120 ms
0 mV to 200 mV
20 Hz
None
33
1.2 sec
200 Hz
None
3.3
120 ms
SCR Waveform
Measurement
0 mV to 200 mV
50 Hz
5
100
33
1.2 sec
60 Hz
5
82
27
1.0 sec
0 mV to 100 mV
50 Hz
5
50
33
1.2 sec
60 Hz
5
47
27
1.0 sec
Audio Applications
Speech
0 mV to 200 mV
300 Hz
3
1.5
0.5
18 ms
Music
0 mV to 100 mV
20 Hz
10
100
68
2.4 sec
1
Settling time is specified over the stated rms input level with the input signal increasing from zero. Settling times are greater for decreasing amplitude input signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com