Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575-3.3BN Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # LM2575-3.3BN
Description  52kHz Simple 1A Buck Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2575-3.3BN Datasheet(HTML) 2 Page - Micrel Semiconductor

  LM2575-3.3BN Datasheet HTML 1Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 2Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 3Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 4Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 5Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 6Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 7Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 8Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel, Inc.
LM2575
May 2009
2
M9999-051209-B
Ordering Information
Part Number
Standard
Pb-Free /
RoHS Compliant
Temperature Range
Package
LM2575BN*
Contact Factory
–40° to +85°C
16-Pin Plastic DIP
LM2575-3.3BN
Contact Factory
–40° to +85°C
16-Pin Plastic DIP
LM2575-5.0BN
LM2575-5.0YN
–40° to +85°C
16-Pin Plastic DIP
LM2575-12BN
LM2575-12YN
–40° to +85°C
16-Pin Plastic DIP
LM2575BWM*
LM2575YWM*
–40° to +85°C
24-Pin Wide SOIC
LM2575-3.3BWM
LM2575-3.3YWM
–40° to +85°C
24-Pin Wide SOIC
LM2575-5.0BWM
LM2575-5.0YWM
–40° to +85°C
24-Pin Wide SOIC
LM2575-12BWM
LM2575-12YWM
–40° to +85°C
24-Pin Wide SOIC
LM2575BT*
†
LM2575WT*/**
–40° to +85°C
5-Pin TO-220
LM2575-3.3BT
†
LM2575-3.3WT**
–40° to +85°C
5-Pin TO-220
LM2575-5.0BT
†
LM2575-5.0WT**
–40° to +85°C
5-Pin TO-220
LM2575-12BT
†
LM2575-12WT**
–40° to +85°C
5-Pin TO-220
LM2575BU*
LM2575WU*/**
–40° to +85°C
5-Pin TO-263
LM2575-3.3BU
LM2575-3.3WU**
–40° to +85°C
5-Pin TO-263
LM2575-5.0BU
LM2575-5.0WU**
–40° to +85°C
5-Pin TO-263
LM2575-12BU
LM2575-12WU**
–40° to +85°C
5-Pin TO-263
Notes:
*
Adjustable output regulators.
**
RoHS compliant with "high-melting solder" exemption.
†
Contact factory for bent or staggered leads option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com