Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575-12BWM Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # LM2575-12BWM
Description  52kHz Simple 1A Buck Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2575-12BWM Datasheet(HTML) 3 Page - Micrel Semiconductor

  LM2575-12BWM Datasheet HTML 1Page - Micrel Semiconductor LM2575-12BWM Datasheet HTML 2Page - Micrel Semiconductor LM2575-12BWM Datasheet HTML 3Page - Micrel Semiconductor LM2575-12BWM Datasheet HTML 4Page - Micrel Semiconductor LM2575-12BWM Datasheet HTML 5Page - Micrel Semiconductor LM2575-12BWM Datasheet HTML 6Page - Micrel Semiconductor LM2575-12BWM Datasheet HTML 7Page - Micrel Semiconductor LM2575-12BWM Datasheet HTML 8Page - Micrel Semiconductor LM2575-12BWM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel, Inc.
LM2575
May 2009
3
M9999-051209-B
Pin Configuration
3 GND
4FB
5 ON/OFF
2 OUT
1 VIN
5 ON/OFF
4FB
3 GND
2 OUT
1 VIN
5-Pin TO-220 (T)
5-Pin TO-263 (U)
1
NC
NC
OUT
NC
GND
NC
FB
NC
16 VIN
NC
GND
GND
GND
GND
NC
ON/OFF
15
14
13
12
11
10
9
2
3
4
5
6
7
8
PWR GND
NC
13
12
NC
VIN
14
11
1
PWR GND
NC
NC
NC
NC
NC
FB
SIG GND
NC
ON/OFF
24 NC
NC
NC
NC
NC
NC
OUT
OUT
NC
VIN
23
22
21
20
19
18
17
16
15
2
3
4
5
6
7
8
9
10
16-Pin Plastic DIP (N)
24-Pin Wide SOIC (WM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com