Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS-95B30-SMT Datasheet(PDF) 1 Page - CUI INC

Part # CSS-95B30-SMT
Description  MAGNETIC BUZZER TRANSDUCER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CSS-95B30-SMT Datasheet(HTML) 1 Page - CUI INC

  CSS-95B30-SMT Datasheet HTML 1Page - CUI INC CSS-95B30-SMT Datasheet HTML 2Page - CUI INC CSS-95B30-SMT Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date
05/03/2013
page
1 of 3
cui.com
MODEL:
CSS-95B30-SMT │ DESCRIPTION: MAGNETIC BUZZER TRANSDUCER
FEATURES
• surface mount
• side sound port
• externally driven
RoHS
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
5
Vo-p
operating voltage
4
7
Vo-p
current consumption
at rated voltage, 2,700 Hz square wave, ½ duty
80
mA
rated frequency
2,700
Hz
sound pressure level
at 10 cm (A-weight), rated voltage, 2,700 Hz
square wave, ½ duty
92
95
dBA
coil resistance
27
30
33
Ω
dimensions
10 x 10 x 3.2
mm
weight
0.8
g
material
L.C.P. (black)
terminal
SMT type (Sn plating)
operating temperature
-20
70
°C
storage temperature
-40
85
°C
RoHS
yes
Note:
Add suffix “-TR” to the model for tape & reel packaging
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
reflow soldering
see reflow solder profile
260
°C
Vo-p
0V


Similar Part No. - CSS-95B30-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
CSS-95B30-SMT-TR CUI-CSS-95B30-SMT-TR Datasheet
590Kb / 4P
MAGNETIC BUZZER TRANSDUCER
01/06/2020
logo
CUI Devices
CSS-95B30-SMT-TR CUID-CSS-95B30-SMT-TR Datasheet
565Kb / 4P
MAGNETIC BUZZER TRANSDUCER
08/05/2022
More results

Similar Description - CSS-95B30-SMT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMX-300 ETC-EMX-300 Datasheet
174Kb / 1P
Magnetic transducer Buzzer
logo
CUI INC
CSS-0578-SMT CUI-CSS-0578-SMT Datasheet
337Kb / 3P
MAGNETIC BUZZER TRANSDUCER
CT-1205H-SMT CUI-CT-1205H-SMT Datasheet
345Kb / 3P
MAGNETIC BUZZER TRANSDUCER
CMT-5023S-SMT CUI-CMT-5023S-SMT Datasheet
960Kb / 4P
MAGNETIC BUZZER TRANSDUCER
CCV-084B16-SMT CUI-CCV-084B16-SMT Datasheet
432Kb / 3P
MAGNETIC BUZZER TRANSDUCER
CMT-6736-80T CUI-CMT-6736-80T Datasheet
394Kb / 5P
MAGNETIC BUZZER TRANSDUCER
CMT-9504-87-SMT-TR CUI-CMT-9504-87-SMT-TR Datasheet
418Kb / 5P
MAGNETIC BUZZER TRANSDUCER
logo
CUI Devices
CD-1206-SMT CUID-CD-1206-SMT Datasheet
635Kb / 4P
MAGNETIC BUZZER TRANSDUCER
08/05/2022
CEM-1203 CUID-CEM-1203 Datasheet
499Kb / 4P
MAGNETIC BUZZER TRANSDUCER
08/05/2022
CMT-1032-85-SMT-TR CUID-CMT-1032-85-SMT-TR Datasheet
388Kb / 5P
MAGNETIC BUZZER TRANSDUCER
08/05/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com