Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS-H5B43-SMT Datasheet(PDF) 2 Page - CUI INC

Part # CSS-H5B43-SMT
Description  MAGNETIC BUZZER TRANSDUCER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CSS-H5B43-SMT Datasheet(HTML) 2 Page - CUI INC

  CSS-H5B43-SMT Datasheet HTML 1Page - CUI INC CSS-H5B43-SMT Datasheet HTML 2Page - CUI INC CSS-H5B43-SMT Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ MODEL: CSS-H5B43-SMT │ DESCRIPTION: MAGNETIC BUZZER TRANSDUCER
date
05/03/2013 │ page 2 of 3
13.0 0.512
(2 PLCS)
13.7 0.539
0.3 (2 PLCS)
10.7 0.421
1.3 0.051
7.2 0.283
(2 PLCS)
SOUND PORT
0.433
11.0
0.3
0.551
0.3
2.4 0.094
14.0
3.1 0.122
3.0X3.0
(4 PLCS)
RECOMMENDED
PCB LAYOUT
(Top View)
NC
NC
+-
0.3
1.2
0.3 (4 PLCS)
0.047
7.0 0.276
0.7 0.028
(2 PLCS)
0.3
0.118
1.8 0.071
(2 PLCS)
3.0
0.5 0.020
MAX (2 PLCS)
MECHANICAL DRAWING
FREQUENCY RESPONSE CURVE
100
80
60
20
Hz
A: frequency response. Magn dB re 20.00μPA
90
70
50
200
2K
20K
dB
units: mm[inch]
tolerance: ±0.5 mm
MEASUREMENT METHOD
+2.5V
+VDC
180Ω
TR:
2SC1741AS
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com