Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8208WBRMZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8208WBRMZ-R7
Description  High Voltage, Precision Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8208WBRMZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8208WBRMZ-R7 Datasheet HTML 2Page - Analog Devices AD8208WBRMZ-R7 Datasheet HTML 3Page - Analog Devices AD8208WBRMZ-R7 Datasheet HTML 4Page - Analog Devices AD8208WBRMZ-R7 Datasheet HTML 5Page - Analog Devices AD8208WBRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8208WBRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8208WBRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8208WBRMZ-R7 Datasheet HTML 9Page - Analog Devices AD8208WBRMZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8208
Rev. A | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
TOPR = −40°C to +125°C, TA = 25°C, VS = 5 V, RL = 25 kΩ (RL is the output load resistor), unless otherwise noted.
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
–40 –30 –20 –10 0 10 20 30 40 50 60 70 80 90 100 110 120
TEMPERATURE (°C)
Figure 4. Typical Offset Drift vs. Temperature
30
25
20
15
10
5
0
–10
–5
–15
–20
1k
10k
100k
FREQUENCY (Hz)
1M
Figure 5. Typical Small-Signal Bandwidth
120
110
100
90
80
70
60
50
40
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
–40°C
+125°C
+25°C
Figure 6. Typical CMRR vs. Frequency
–1500
–1000
–500
0
500
1000
1500
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
Figure 7. Typical Gain Error vs. Temperature
–0.03
0.02
0.07
0.12
0.17
0.22
0.27
0.32
0.37
0.42
0.47
–2 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 42 44
INPUT COMMON-MODE (V)
Figure 8. Total Input Bias Current vs. Common-Mode Voltage,
with +IN and –IN Pins Connected (Shorted)
–35
–30
–25
–20
–15
–10
–5
0
5
0
0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50
A2 INPUT VOLTAGE (V)
–40°C
+125°C
+25°C
Figure 9. Input Bias Current of A2 vs. Input Voltage and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com