Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2989IM-3.3 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP2989IM-3.3
Description  Ultra low dropout voltage, Guaranteed 500 mA continuous output current
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2989IM-3.3 Datasheet(HTML) 2 Page - Texas Instruments

  LP2989IM-3.3 Datasheet HTML 1Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 2Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 3Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 4Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 5Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 6Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 7Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 8Page - Texas Instruments LP2989IM-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LP2989
Micropower/Low Noise, 500 mA Ultra Low-Dropout
Regulator
For Use with Ceramic Output Capacitors
General Description
The LP2989 is a fixed-output 500 mA precision LDO regu-
lator designed for use with ceramic output capacitors.
Output noise can be reduced to 18µV (typical) by connecting
an external 10 nF capacitor to the bypass pin.
Using an optimized VIP™ (Vertically Integrated PNP) pro-
cess, the LP2989 delivers superior performance:
Dropout Voltage: Typically 310 mV @ 500 mA load, and 1
mV @ 100 µA load.
Ground Pin Current: Typically 3 mA @ 500 mA load, and
110 µA @ 100 µA load.
Sleep Mode: The LP2989 draws less than 0.8 µA quiescent
current when shutdown pin is pulled low.
Error Flag: The built-in error flag goes low when the output
drops approximately 5% below nominal.
Precision Output: Guaranteed output voltage accuracy is
0.75% (“A” grade) and 1.25% (standard grade) at room
temperature.
For output voltages < 2V, see LP2989LV datasheet.
Features
n
Ultra low dropout voltage
n
Guaranteed 500 mA continuous output current
n
Very low output noise with external capacitor
n
SO-8, Mini SO-8, 8 Lead LLP surface mount packages
n <
0.8 µA quiescent current when shutdown
n
Low ground pin current at all loads
n
0.75% output voltage accuracy (“A” grade)
n
High peak current capability (800 mA typical)
n
Wide supply voltage range (16V max)
n
Overtemperature/overcurrent protection
n
−40˚C to +125˚C junction temperature range
Applications
n
Notebook/Desktop PC
n
PDA/Palmtop Computer
n
Wireless Communication Terminals
n
SMPS Post-Regulator
Block Diagram
10133901
VIP™ is a trademark of National Semiconductor Corporation.
February 2005
© 2005 National Semiconductor Corporation
DS101339
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com