Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8646ARMZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD8646ARMZ
Description  24 MHz Rail-to-Rail Amplifiers with Shutdown Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8646ARMZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8646ARMZ Datasheet HTML 9Page - Analog Devices AD8646ARMZ Datasheet HTML 10Page - Analog Devices AD8646ARMZ Datasheet HTML 11Page - Analog Devices AD8646ARMZ Datasheet HTML 12Page - Analog Devices AD8646ARMZ Datasheet HTML 13Page - Analog Devices AD8646ARMZ Datasheet HTML 14Page - Analog Devices AD8646ARMZ Datasheet HTML 15Page - Analog Devices AD8646ARMZ Datasheet HTML 16Page - Analog Devices AD8646ARMZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD8646/AD8647/AD8648
Rev. D | Page 13 of 20
4.0
0
–40
120
TEMPERATURE (°C)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
–20
0
20406080
100
VOUT = VSY/2
VSY = 2.7V
VSY = 5V
Figure 40. Supply Current per Amplifier vs. Temperature
TIME (200ns/DIV)
SHUTDOWN PIN
AMPLIFIER OUTPUT
VSY = 2.7V
RL = 1kΩ
AV = 1
TA = 25°C
Figure 41. Turn-On Time
TIME (200ns/DIV)
SHUTDOWN PIN
AMPLIFIER OUTPUT
VSY = 2.7V
RL = 1kΩ
AV = 1
TA = 25°C
Figure 42. Turn-Off Time
0
–20
–40
–60
–80
–100
–120
1k
10k
100k
FREQUENCY (Hz)
VIN = 2V p-p
VIN = 0.5V p-p
VSY = 5V
RL = 2kΩ
AV = –100
TA = 25°C
V–
V+
V–
V+
U2
R2
200Ω
R1
20Ω
6
7
5
V+
V–
V+
V–
0
0
0
0
+
–
VIN
R3
2kΩ
U1
2
3
CS (dB) = 20 log (VOUT/100 = VIN)
Figure 43. Channel Separation
TIME (200ns/DIV)
SHUTDOWN PIN
AMPLIFIER OUTPUT
VSY = 5V
RL = 1kΩ
AV = 1
TA = 25°C
Figure 44. Turn-On Time
TIME (200ns/DIV)
SHUTDOWN PIN
AMPLIFIER OUTPUT
VSY = 5V
RL = 1kΩ
AV = 1
TA = 25°C
Figure 45. Turn-Off Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com