Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8656ARMZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD8656ARMZ
Description  Low Noise, Precision CMOS Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8656ARMZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8656ARMZ Datasheet HTML 7Page - Analog Devices AD8656ARMZ Datasheet HTML 8Page - Analog Devices AD8656ARMZ Datasheet HTML 9Page - Analog Devices AD8656ARMZ Datasheet HTML 10Page - Analog Devices AD8656ARMZ Datasheet HTML 11Page - Analog Devices AD8656ARMZ Datasheet HTML 12Page - Analog Devices AD8656ARMZ Datasheet HTML 13Page - Analog Devices AD8656ARMZ Datasheet HTML 14Page - Analog Devices AD8656ARMZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD8655/AD8656
Rev. D | Page 11 of 20
80
70
60
50
40
30
20
10
0
0
0.2
0.4
0.6
0.8
|TCVOS| (µV/°C)
1.0
1.2
1.4
1.6
VS = ±1.35V
Figure 35. |TCVOS| Distribution
4.5
4.0
3.5
3.0
2.5
2.0
–50
0
50
100
150
TEMPERATURE (°C)
VS = ±1.35V
Figure 36. Supply Current vs. Temperature
1400
1200
1000
800
600
400
200
0
0
20
40
60
80
LOAD CURRENT (mA)
100
120
VS = ±1.35V
VOH
VOL
Figure 37. AD8655 Output Voltage to Supply Rail vs. Load Current
100
10
1
0.1
1
10
CURRENT LOAD (mA)
100
10000
1000
VOL
VOH
VS = ±1.35V
Figure 38. AD8656 Output Swing vs. Current Load
2.698
2.694
2.690
2.686
2.682
2.678
2.674
–50
0
50
100
150
TEMPERATURE (°C)
VS = ±1.35V
LOAD CURRENT = 1mA
Figure 39. Output Voltage Swing High vs. Temperature
14
12
10
8
6
4
2
–50
0
50
100
150
TEMPERATURE (°C)
VS = ±1.35V
LOAD CURRENT = 1mA
Figure 40. Output Voltage Swing Low vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com