Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4932-2YCPZ-R21 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4932-2YCPZ-R21
Description  Low Power Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4932-2YCPZ-R21 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4932-2YCPZ-R21 Datasheet HTML 11Page - Analog Devices ADA4932-2YCPZ-R21 Datasheet HTML 12Page - Analog Devices ADA4932-2YCPZ-R21 Datasheet HTML 13Page - Analog Devices ADA4932-2YCPZ-R21 Datasheet HTML 14Page - Analog Devices ADA4932-2YCPZ-R21 Datasheet HTML 15Page - Analog Devices ADA4932-2YCPZ-R21 Datasheet HTML 16Page - Analog Devices ADA4932-2YCPZ-R21 Datasheet HTML 17Page - Analog Devices ADA4932-2YCPZ-R21 Datasheet HTML 18Page - Analog Devices ADA4932-2YCPZ-R21 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
ADA4932-1/ADA4932-2
Rev. A | Page 15 of 28
0
5
10
15
20
25
30
TIME (ns)
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
Figure 43. Small Signal Pulse Response
0.08
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
TIME (ns)
030
25
20
15
10
5
CL = 0pF
CL = 0.9pF
CL = 1.8pF
Figure 44. Small Signal Pulse Response for Various Capacitive Loads
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0
5
10
15
20
25
30
TIME (ns)
Figure 45. VOCM Small Signal Pulse Response
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0
5
10
15
20
25
30
TIME (ns)
Figure 46. Large Signal Pulse Response
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
TIME (ns)
030
25
20
15
10
5
CL = 0pF
CL = 0.9pF
CL = 1.8pF
Figure 47. Large Signal Pulse Response for Various Capacitive Loads
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0
5
10
15
20
25
30
TIME (ns)
Figure 48. VOCM Large Signal Pulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com