Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-0314 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0314
Description  0.4 Amp Output Current IGBT Gate Drive Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0314 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-0314 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Package Outline Drawings
HCPL-3140 Standard DIP Package
1.080 ± 0.320
(0.043 ± 0.013)
2.54 ± 0.25
(0.100 ± 0.010)
0.51 (0.020) MIN.
0.65 (0.025) MAX.
4.70 (0.185) MAX.
2.92 (0.115) MIN.
5° TYP.
0.254
+ 0.076
- 0.051
(0.010
+ 0.003)
- 0.002)
7.62 ± 0.25
(0.300 ± 0.010)
6.35 ± 0.25
(0.250 ± 0.010)
9.65 ± 0.25
(0.380 ± 0.010)
1.78 (0.070) MAX.
1.19 (0.047) MAX.
A XXXXZ
YYWW
DATE CODE
DIMENSIONS IN MILLIMETERS AND (INCHES).
5
6
7
8
4
3
2
1
OPTION CODE*
UL
RECOGNITION
UR
TYPE NUMBER
* MARKING CODE LETTER FOR OPTION NUMBERS
"V" = OPTION 060
OPTION NUMBERS 300 AND 500 NOT MARKED.
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
3.56 ± 0.13
(0.140 ± 0.005)
Ordering Information
HCPL-3140 and HCPL-0314 are UL Recognized with 3750 Vrms for 1 minute per UL1577.
Option
Part
RoHS
Non RoHS
Surface
Gull
Tape
IEC/EN/DIN
Number
Compliant
Compliant
Package
Mount
Wing
& Reel
EN 60747-5-2
Quantity
HCPL-3140
-000E
No option
50 per tube
-300E
#300
X
X
50 per tube
-500E
#500
X
X
X
1000 per reel
-060E
#060
X
50 per tube
-360E
#360
X
X
X
50 per tube
-560E
#560
X
X
X
X
1000 per reel
HCPL-0314
-000E
No option
X
100 per tube
-500E
#500
X
X
1500 per reel
-060E
#060
X
X
100 per tube
-560E
#560
X
X
X
1500 per reel
To order, choose a part number from the part number column and combine with the desired option from
the option column to form an order entry.
Example 1:
HCPL-3140-560E to order product of 300 mil DIP Gull Wing Surface Mount package in Tape and Reel
packaging with IEC/EN/DIN EN 60747-5-2 Safety Approval in RoHS compliant.
Example 2:
HCPL-3140 to order product of 300 mil DIP package in tube packaging and non RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for
information.
Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since 15th
July 2001 and RoHS compliant option will use ‘-XXXE’.
HCPL-3140
300 mil
DIP-8
HCPL-0314
SO-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com