Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP551BRQ Datasheet(PDF) 13 Page - Analog Devices

Part # ADCMP551BRQ
Description  Single Supply High Speed PECL/LVPECL Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP551BRQ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADCMP551BRQ Datasheet HTML 8Page - Analog Devices ADCMP551BRQ Datasheet HTML 9Page - Analog Devices ADCMP551BRQ Datasheet HTML 10Page - Analog Devices ADCMP551BRQ Datasheet HTML 11Page - Analog Devices ADCMP551BRQ Datasheet HTML 12Page - Analog Devices ADCMP551BRQ Datasheet HTML 13Page - Analog Devices ADCMP551BRQ Datasheet HTML 14Page - Analog Devices ADCMP551BRQ Datasheet HTML 15Page - Analog Devices ADCMP551BRQ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADCMP551/ADCMP552/ADCMP553
Rev. A | Page 13 of 16
TYPICAL APPLICATION CIRCUITS
Figure 21. High Speed Sampling Circuits
Figure 22. High Speed Window Comparator
Figure 23. Adding Hysteresis Using the HYS Control Pin
Figure 24. How to Interface a PECL Output to an Instrument with a
50 Ω to Ground Input
ADCMP551/
ADCMP552/
ADCMP553
+
ALL RESISTORS 50
OUTPUTS
VIN
VREF
LATCH
ENABLE
INPUTS
VCCO – 2V
ALL RESISTORS 50
Ω UNLESS OTHERWISE NOTED
ADCMP551/
ADCMP552/
ADCMP553
+
ADCMP551/
ADCMP552/
ADCMP553
+
OUTPUTS
+VREF
–VREF
VIN
LATCH
ENABLE
INPUTS
VCCO –2V
VCCO –2V
OUTPUTS
ADCMP551/
ADCMP552/
ADCMP553
ALL RESISTORS 50
Ω, UNLESS OTHERWISE NOTED
OUTPUTS
HYS
VIN
VREF
VCCO – 2.0V
VCCI
0
Ω TO 80kΩ
VIN
50
50
100
100
50
50
(VCCO – 2V) × 2
ADCMP551/
ADCMP552/
ADCMP553
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com