Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5501AKSZ-R71 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL5501AKSZ-R71
Description  50 MHz to 6 GHz TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5501AKSZ-R71 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL5501AKSZ-R71 Datasheet HTML 20Page - Analog Devices ADL5501AKSZ-R71 Datasheet HTML 21Page - Analog Devices ADL5501AKSZ-R71 Datasheet HTML 22Page - Analog Devices ADL5501AKSZ-R71 Datasheet HTML 23Page - Analog Devices ADL5501AKSZ-R71 Datasheet HTML 24Page - Analog Devices ADL5501AKSZ-R71 Datasheet HTML 25Page - Analog Devices ADL5501AKSZ-R71 Datasheet HTML 26Page - Analog Devices ADL5501AKSZ-R71 Datasheet HTML 27Page - Analog Devices ADL5501AKSZ-R71 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADL5501
Rev. B | Page 24 of 2
8
1
6
2
5
3
4
ADL5501
VPOS
FLTR
RFIN
VRMS
ENBL
COMM
C3
(OPEN)
RFIN
VRMS
R3
0Ω
R5
(OPEN)
R1
(OPEN)
VPOS
C1
100pF
C2
0.1µF
R2
(OPEN)
R4
49.9Ω
C4
100nF
TO EDGE
CONNECTOR
TO EDGE
CONNECTOR
SW1
VPOS
ENBL
Figure 56. Evaluation Board Schematic
Table 5. Evaluation Board Configuration Options
Component
Description
Default Condition
GND, VPOS
Ground and supply vector pins.
Not applicable
C1, C2
Power supply decoupling. The nominal supply decoupling of 100 pF and 0.1 μF.
C1 = 100 pF (Size 0402)
C2 = 0.1 μF (Size 0402)
C3
Filter capacitor. The internal averaging capacitor can be augmented by placing additional
capacitance in C3.
C3 = open (Size 0402)
R2, R3, C4
Output filtering. The combination of the internal 100 Ω output resistance and C4 produces a low-
pass filter to reduce output ripple. The output can also be scaled down using the resistor divider
pads, R3 and R2. In addition, resistors and capacitors can be placed in C4 and R2 to load test VRMS.
R2 = open (Size 0402)
R3 = 0 Ω (Size 0402)
C4 = 100 nF (Size 0402)
R4, SW1
Device enable. When the switch is set toward the SW1 label, the ENBL pin is connected to VPOS,
and the ADL5501 is in operating mode. In the opposite switch position, the ENBL pin is grounded
(through the 49.9 Ω resistor), putting the device in power-down mode. While in this switch position,
the ENBL pin can be driven by a signal generator via the SMA labeled ENBL. In this case, R4 serves as
a termination resistor for generators requiring a 50 Ω match.
R4 = 49.9 Ω (Size 0402)
SW1 = toward SW1 label
R1, R5
Alternate interface. R1and R5 allow for VRMS and ENBL to be accessible from the edge
connector, which is used only for characterization.
R1 = open (Size 0402)
R5 = open (Size 0402)
Figure 57. Layout of Evaluation Board, Component Side
Figure 58. Layout of Evaluation Board, Circuit Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com