Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1111ARZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADP1111ARZ
Description  Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1111ARZ Datasheet(HTML) 2 Page - Analog Devices

  ADP1111ARZ Datasheet HTML 1Page - Analog Devices ADP1111ARZ Datasheet HTML 2Page - Analog Devices ADP1111ARZ Datasheet HTML 3Page - Analog Devices ADP1111ARZ Datasheet HTML 4Page - Analog Devices ADP1111ARZ Datasheet HTML 5Page - Analog Devices ADP1111ARZ Datasheet HTML 6Page - Analog Devices ADP1111ARZ Datasheet HTML 7Page - Analog Devices ADP1111ARZ Datasheet HTML 8Page - Analog Devices ADP1111ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
–2–
REV. 0
ADP1111–SPECIFICATIONS
Parameter
Conditions
VS
Min
Typ
Max
Units
QUIESCENT CURRENT
Switch Off
IQ
300
500
μA
INPUT VOLTAGE
Step-Up Mode
VIN
2.0
12.6
V
Step-Down Mode
30.0
V
COMPARATOR TRIP POINT
VOLTAGE
ADP1111
1
1.20
1.25
1.30
V
OUTPUT SENSE VOLTAGE
ADP1111-3.3
VOUT
3.13
3.30
3.47
V
ADP1111-5
2
4.75
5.00
5.25
V
ADP1111-12
2
11.40
12.00
12.60
V
COMPARATOR HYSTERESIS
ADP1111
8
12.5
mV
OUTPUT HYSTERESIS
ADP1111-3.3
21
50
mV
ADP1111-5
32
50
mV
ADP1111-12
75
120
mV
OSCILLATOR FREQUENCY
fOSC
54
72
88
kHz
DUTY CYCLE
Full Load
DC
43
50
65
%
SWITCH ON TIME
ILIM Tied to VIN
tON
57
9
μs
SW SATURATION VOLTAGE
TA = +25
°C
STEP-UP MODE
VIN = 3.0 V, ISW = 650 mA
VSAT
0.5
0.65
V
VIN = 5.0 V, ISW = 1 A
0.8
1.0
V
STEP-DOWN MODE
VIN = 12 V, ISW = 650 mA
1.1
1.5
V
FEEDBACK PIN BIAS CURRENT
ADP1111 VFB = 0 V
IFB
160
300
nA
SET PIN BIAS CURRENT
VSET = VREF
ISET
270
400
nA
GAIN BLOCK OUTPUT LOW
ISINK = 300
μA
VSET = 1.00 V
VOL
0.15
0.4
V
REFERENCE LINE REGULATION
5 V
≤ V
IN
≤ 30 V
0.02
0.075
%/V
2 V
≤ VIN ≤ 5 V
0.4
%/V
GAIN BLOCK GAIN
RL = 100 k
Ω3
AV
1000
6000
V/V
CURRENT LIMIT
TA = +25
°C
220
Ω from ILIM to VIN
ILIM
400
mA
CURRENT LIMIT TEMPERATURE
COEFFICIENT
–0.3
%/
°C
SWITCH OFF LEAKAGE CURRENT
TA = +25
°C
Measured at SW1 Pin
VSW1 = 12 V
1
10
μA
MAXIMUM EXCURSION BELOW GND
TA = +25
°C
ISW1
≤ 10 μA, Switch Off
–400
–350
mV
NOTES
1This specification guarantees that both the high and low trip points of the comparator fall within the 1.20 V to 1.30 V range.
2The output voltage waveform will exhibit a sawtooth shape due to the comparator hysteresis. The output voltage on the fixed output versions will always be within
the specified range.
3100 k
Ω resistor connected between a 5 V source and the AO pin.
4
All limits at temperature extremes are guaranteed via correlation using standard statistical methods.
Specifications subject to change without notice.
(0 C
≤ TA ≤ +70 C, VIN = 3 V unless otherwise noted)
REV. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com