Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP3V3-M3/84A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMP3V3-M3/84A
Description  Surface Mount TRANSZORB Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMP3V3-M3/84A Datasheet(HTML) 2 Page - Vishay Siliconix

  SMP3V3-M3/84A Datasheet HTML 1Page - Vishay Siliconix SMP3V3-M3/84A Datasheet HTML 2Page - Vishay Siliconix SMP3V3-M3/84A Datasheet HTML 3Page - Vishay Siliconix SMP3V3-M3/84A Datasheet HTML 4Page - Vishay Siliconix SMP3V3-M3/84A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMP3V3 thru SMP36A
www.vishay.com
Vishay General Semiconductor
Revision: 11-Dec-12
2
Document Number: 88481
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) VBR measured after IT applied for 300 μs, IT = square wave pulse or equivalent
(2) Surge current waveform per fig. 3 and derate per fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
Notes
(1) Mounted on PCB with 5.0 mm x 5.0 mm copper pad areas attached to each terminal
(2) Mounted on minimum recommended pad layout
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT (1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (μA) (3)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (A) (2)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM
VC (V)
MIN.
MAX.
SMP3V3
AC
4.10
5.10
1.0
3.3
200
54.8
7.3
SMP5.0A
AE
6.40
7.07
10
5.0
150
43.5
9.2
SMP6.0A
AG
6.67
7.37
10
6.0
600
38.8
10.3
SMP6.5A
AK
7.22
7.98
10
6.5
100
35.7
11.2
SMP7.0A
AM
7.78
8.60
10
7.0
50
33.3
12.0
SMP7.5A
AN
8.33
9.21
1.0
7.5
50
31.0
12.9
SMP8.0A
AR
8.89
9.83
1.0
8.0
20
29.4
13.6
SMP11A
AZ
12.2
13.5
1.0
11
1.0
22.0
18.2
SMP12A
BE
13.3
14.7
1.0
12
1.0
20.1
19.9
SMP13A
BG
14.4
15.9
1.0
13
1.0
18.6
21.5
SMP14A
BK
15.6
17.2
1.0
14
1.0
17.2
23.2
SMP15A
BM
16.7
18.5
1.0
15
1.0
16.4
24.4
SMP16A
BP
17.8
19.7
1.0
16
1.0
15.4
26.0
SMP17A
BR
18.9
20.9
1.0
17
1.0
14.5
27.6
SMP18A
BT
20.0
22.1
1.0
18
1.0
13.7
29.2
SMP20A
BV
22.2
24.5
1.0
20
1.0
12.3
32.4
SMP22A
BX
24.4
26.9
1.0
22
1.0
11.3
35.5
SMP24A
BZ
26.7
29.5
1.0
24
1.0
10.3
38.9
SMP26A
CE
28.9
31.9
1.0
26
1.0
9.5
42.1
SMP28A
CG
31.1
34.4
1.0
28
1.0
8.8
45.4
SMP30A
CK
33.3
36.8
1.0
30
1.0
8.3
48.4
SMP33A
CM
36.7
40.6
1.0
33
1.0
7.5
53.3
SMP36A
CP
40.0
44.2
1.0
36
1.0
6.9
58.1
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Typical thermal resistance, junction to lead (1)
RJL
50
°C/W
Typical thermal resistance, junction to ambient (2)
RJA
250
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SMP3V3-M3/84A
0.024
84A
3000
7" diameter plastic tape and reel
SMP3V3-M3/85A
0.024
85A
10 000
13" diameter plastic tape and reel
SMP11A-M3/84A
0.024
84A
3000
7" diameter plastic tape and reel
SMP11A-M3/85A
0.024
85A
10 000
13" diameter plastic tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com