Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CET16M0CSV53-R0 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # CET16M0CSV53-R0
Description  MHz Chip Type -Tight Frequency Tolerance for Automotive-
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CET16M0CSV53-R0 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  CET16M0CSV53-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CET16M0CSV53-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
P16E.pdf
Jul.15,2011
3
o Part Numbering
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
qProduct ID
wFrequency/Capacitance
eStructure/Size
tDesign
oPackaging
CERALOCKr (MHz)
CS
Ceramic Resonators
Gpp
T/Vpp
Xpp
A
T
MHz with No capacitance built-in
MHz with Built-in Capacitance
LS
CC
CR/CE/CG
CV
CW
Round Lead Type
Cap Chip Type
Small-cap Chip Type
Monolithic Chip Type
Small Monolithic Chip Type
Thickness Shear mode
Thickness Expander mode
Thickness Expander mode (3rd overtone)
Three-digit alphanumerics express
"Individual Specification".
Structure/Size
-B0
-A0
-R0
-R1
Packaging
Product ID
Code
Code
Code
iIndividual Specification
***
Code
Frequency/Capacitance
Design
Individual Specification
Code
(Part Number)
rNominal Center Frequency
Expressed by four-digit alphanumerics. The unit is in hertz (Hz).
Decimal point is expressed by capital letter "
M".
With standard products, "
iIndividual Specification" is omitted.
Bulk
Radial Taping H0=18mm
Plastic Taping ø=180mm
Plastic Taping ø=330mm
yInitial Frequency Tolerance
5
3
2
1
H
Design
Code
±0.5%
±0.3%
±0.2%
±0.1%
±0.07%
uLoad Capacity
1
2
3
4
5
6
Design
Code
5/6pF
10pF
15pF
22pF
30/33/39pF
47pF
e
CE
w
T
r
16M0
q
CS
pp indicates initial frequency tolerance and load capacity.
Radial taping is applied to lead type and plastic taping to chip type.
i
***
t
V
y
5
u
3
o
-R0


Similar Part No. - CET16M0CSV53-R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CET16M0CSV53-R0 MURATA-CET16M0CSV53-R0 Datasheet
1Mb / 45P
Ceramic Resonators (CERALOCK)
More results

Similar Description - CET16M0CSV53-R0

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD0503 PETERMANN-SMD0503 Datasheet
92Kb / 3P
TIGHT TOLERANCE / TIGHT STABILITY AVAILABLE
SMD01612-4 PETERMANN-SMD01612-4 Datasheet
78Kb / 1P
TIGHT TOLERANCE / TIGHT STABILITY AVAILABLE
SMD02016-4 PETERMANN-SMD02016-4 Datasheet
75Kb / 2P
TIGHT TOLERANCE / TIGHT STABILITY AVAILABLE
SMD02502-4 PETERMANN-SMD02502-4 Datasheet
73Kb / 2P
TIGHT TOLERANCE / TIGHT STABILITY AVAILABLE
logo
Murata Manufacturing Co...
CSAC4.00MGC-TC MURATA-CSAC4.00MGC-TC Datasheet
946Kb / 17P
MHz Chip Type -Tight Frequency Tolerance for Automotive-
logo
Kyocera Kinseki Corpota...
PBRV419MR50Y000 KSS-PBRV419MR50Y000 Datasheet
110Kb / 5P
MHz Band Ceramic Chip Resonators (SMD) PBRV/ PRQV Frequency Tight Tolerance Series
logo
Digitron Semiconductors
MPD100 DIGITRON-MPD100 Datasheet
118Kb / 2P
STABISTORS TIGHT TOLERANCE
logo
Mercury United Electron...
HR32 MERCURY-HR32 Datasheet
105Kb / 1P
Clock Oscillators [ Tight Frequency Tolerance ]
HR53 MERCURY-HR53 Datasheet
106Kb / 1P
Clock Oscillators [ Tight Frequency Tolerance ]
HR57 MERCURY-HR57 Datasheet
104Kb / 1P
Clock Oscillators [ Tight Frequency Tolerance ]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com