Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS38 Datasheet(PDF) 2 Page - Kingtronics International Company

Part # SS38
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

SS38 Datasheet(HTML) 2 Page - Kingtronics International Company

  SS38 Datasheet HTML 1Page - Kingtronics International Company SS38 Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
2
SS32 THRU SS320
RATINGS AND CHARACTERISTIC CURVES SS32 THRU SS320
FIG. 1- FORWARD CURRENT DERATING CURVE
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
AMBIENT TEMPERATURE, ℃
FIG. 3-TYPICAL INSTANTANEOUS FORWARDCHARACTERISTICS
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
t,PULSE DURATION,sec.
REVERSE VOLTAGE,VOLTS
FIG. 5-TYPICAL JUNCTION CAPACITANCE
PERCENT OF PEAK REVERSE VOLTAGE,%
INSTANTANEOUS FORWARD VOLEAGE,VOLTS
NUMBER OF CYCLES AT 60 Hz
Note: Specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com