Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX85C Datasheet(PDF) 3 Page - Kingtronics International Company

Part # BZX85C
Description  BZX85C Silicon Planar Power Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

BZX85C Datasheet(HTML) 3 Page - Kingtronics International Company

  BZX85C Datasheet HTML 1Page - Kingtronics International Company BZX85C Datasheet HTML 2Page - Kingtronics International Company BZX85C Datasheet HTML 3Page - Kingtronics International Company BZX85C Datasheet HTML 4Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
3
BZX85C
Characteristics at Ta = 25℃
Zener Voltage 1)
Dynamic Resistance
Reverse Current
VZnom
VZT
at IZT
ZZT
at IZT
ZZK
at IZK
IR
at VR
Type
(V)
(V)
(mA)
Max.(Ω)
(mA)
Max.(Ω)
(mA)
Max.(μA)
(V)
BZX85C39
39
37...41
6
50
6
1000
0.25
0.5
30
BZX85C43
43
40...46
6
50
6
1000
0.25
0.5
33
BZX85C47
47
44...50
4
90
4
1500
0.25
0.5
36
BZX85C51
51
48...54
4
115
4
1500
0.25
0.5
39
BZX85C56
56
52...60
4
120
4
2000
0.25
0.5
43
BZX85C62
62
58...66
4
125
4
2000
0.25
0.5
47
BZX85C68
68
64...72
4
130
4
2000
0.25
0.5
51
BZX85C75
75
70...79
4
135
4
2000
0.25
0.5
56
1) Tested with pulses tp = 20 ms.
Breakdowm characteristics
at Tj=constant (pulsed)
Breakdowm characteristics
at Tj=constant (pulsed)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com