Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CKT Datasheet(PDF) 1 Page - Kingtronics International Company

Part # CKT
Description  CKT Chip Tantalum Capacitor - SMD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

CKT Datasheet(HTML) 1 Page - Kingtronics International Company

  CKT Datasheet HTML 1Page - Kingtronics International Company CKT Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
1
CKT
Chip Tantalum Capacitor - SMD
SOLID ELECTROLYTE, HIGH VOLUMETRIC EFFICIENCY, STABLE ELECTRIC PERFORMANCES
■Features
- Molded case available in six case codes
- Compatible with all popular “High Volume” automatic pick and equipment
- Optical character recognition qualified
■Specifications
OPERATING TEMPERATURE
-55℃ to +125℃; (>85℃ applying derated voltage)
RATED VOLTAGE
4 ~ 50VDC
CAPACITANCE TOLERANCE
K: (±10%), M: (±20%), J: (±5%, for special order) (20℃, 120HZ/100HZ)
LEAKAGE CURRENT
Io≤0.01CRVR or 0.5μA (whichever is greater) Measured
after 5 minutes application of rated voltage
CR-(μF) Nominal Capacitance; VR-(V) Rated Voltage
LOAD LIFE
85℃, After applying rated voltage for 2000 hours at 85℃
Capacitance change: within +-10% of the initial value
Dissipation factor: Not more than 150% of the specified value
Leakage current:
Not more than the specified value
TEMPERATURE CHARACTERISTIC
Capacitance Change (%)
DF Max. (%)
DCL Max. (μA)
Capacitance
(μF)
-55℃
+85℃
+125℃
-55℃
+25℃
+85℃
+125℃
+85℃
+125℃
≤1.0
6
4
6
6
1.5 ~ 68
10
6
10
10
100 ~ 470
±10
±10
±12
14
12
14
14
+10 Io
+12 Io
■Case Size, Derated Voltage & Surge Voltage
VR
V
4
6.3
10
16
20
25
35
50
Voltage Derating (V)
2.5
4
6.3
10
13
16
23
33
Surge Voltage +85℃ (V)
5
8
13
20
26
32
46
65
Surge Voltage +125℃ (V)
3.4
5.0
9
12
16
20
26
38
CR
Case Size (standard / miniature / Super miniature)
μF
0.1
P
A
A
0.15
P
A
B/A
0.22
P
A
B
0.33
P
A
B
0.47
P
P
A
B/A
C
0.68
P
P
A/P
A
B/A
C
1.0
A/P
A/P
A/P
A
B/A
B/A
C
1.5
P
A/P
A/P
A/P
B/A
B
C/B
D/C
2.2
P
A/P
A/P
B/A
B/A
B
C/B
D
3.3
A/P
A/P
A/P
B/A
C/B/A
C/B
D/C/B
D
4.7
A/P
A/P
B/A/P
B/A
D/B/A
C/B
D/C
E/D
6.8
A/P
B/A/P
B/A
C/B/A
D/C/B
D/C
D/C
D
10
B/A
B/A
B/A
C/B/A
D/C/B
D/C
D/C
E
15
B/A
B/A
C/B
C/B
D/C
D/C
E
22
B/A
B/A
C/B
D/C
D/C
D
E
33
C/B
C/B
D/C
D/C
D
E/D
47
C/B
C/B
D/C
D/C
E/D
E
68
D/C/B
D/C
D
D
E/D
100
D/C/B
D/C
D/C
D
E
150
D/C
D
E
E
220
D
E/D
E/D
E
330
E
E/D
E
470
E
Marking code for case size p
■Diagram of Dimensions (unit: mm)
Case Size
L
± 0.3
W1
± 0.3
H
± 0.3
S
± 0.3
W2
±0.2
P
2012
2.0
1.2
1.2
0.5
1.2
A
3216
3.2
1.6
1.6
0.8
1.2
B
3528
3.5
2.8
1.9
0.8
2.2
C
6032
6.0
3.2
2.5
1.3
2.2
D
7343
7.3
4.3
2.8
1.3
2.4
E
7343
7.3
4.3
4.0
1.3
2.4


Similar Part No. - CKT

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
CKT MITSUMI-CKT Datasheet
76Kb / 1P
Pressurizing Transformers
logo
KITAGAWA GmbH
CKT KGS-CKT Datasheet
328Kb / 1P
Releasable cable clamp with minimum protrusion on panel
CKT-05 V0 KGS-CKT-05 V0 Datasheet
328Kb / 1P
Releasable cable clamp with minimum protrusion on panel
CKT-07 V0 KGS-CKT-07 V0 Datasheet
328Kb / 1P
Releasable cable clamp with minimum protrusion on panel
CKT-10 V0 KGS-CKT-10 V0 Datasheet
328Kb / 1P
Releasable cable clamp with minimum protrusion on panel
More results

Similar Description - CKT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T499 KEMET-T499 Datasheet
146Kb / 3P
Tantalum Chip Capacitor
logo
Central Technologies
CTTCC CT-CTTCC Datasheet
258Kb / 2P
Chip Tantalum Capacitor
logo
Suntan Capacitors
TS20 SUNTAN-TS20 Datasheet
827Kb / 1P
CHIP TANTALUM CAPACITOR - SMD
TS20L SUNTAN-TS20L Datasheet
838Kb / 3P
CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
AVX Corporation
TRJD686M016RRJ AVX-TRJD686M016RRJ Datasheet
138Kb / 6P
Professional Tantalum Chip Capacitor
logo
Kingtronics Internation...
EKT KINGTRONICS-EKT Datasheet
184Kb / 4P
Chip Tantalum Capacitor Low ESR. SMD
logo
AVX Corporation
TRJB105K035RRJ AVX-TRJB105K035RRJ Datasheet
100Kb / 6P
Professional Tantalum Chip Capacitor
TRJC476K016R0350 AVX-TRJC476K016R0350 Datasheet
100Kb / 6P
Professional Tantalum Chip Capacitor
logo
Suntan Capacitors
TS20 SUNTAN-TS20_17 Datasheet
168Kb / 1P
CHIP TANTALUM CAPACITOR - SMD
TS20L SUNTAN-TS20L_17 Datasheet
388Kb / 3P
CHIP TANTALUM CAPACITOR LOW ESR - SMD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com