Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB101 Datasheet(PDF) 1 Page - Kingtronics International Company

Part # DB101
Description  Single Phase 1.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 1.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

DB101 Datasheet(HTML) 1 Page - Kingtronics International Company

  DB101 Datasheet HTML 1Page - Kingtronics International Company DB101 Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
1
DB101 THRU DB107
Single Phase 1.0 AMPS. Glass Passivated Bridge Rectifiers
Voltage Range 50 to 1000 Volts Current 1.0 Amperes
FEATURES
◆
Ideal for printed circuit board
◆
Reliable low cost construction technique
results in inexpensive product
◆
High temperature soldering guaranteed:
260
/ 10 seconds / 0.375” ( 9.5mm )
℃
lead length at 5 lbs., ( 2.3 kg ) tension
◆
UL Recognized File number: E347214
MECHANICAL DATA
◆
Case: Molded plastic
◆
Lead: solder plated
◆
Polarity: As marked
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.For capacitive load, derate current by 20%
SYMBOLS
DB101
DB102
DB103
DB104
DB105
DB106
DB107
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
at TA=40℃
I(AV)
1.0
A
Peak Forward Surge Current,
8.3ms Single Half Sine-wave Superimposed on
Rated Load (JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage at 1.0A
VF
1.1
V
Maximum DC Reverse Current @ TA=25℃
rated DC blocking voltage per leg TA=125℃
IR
10
500
μA
Typical Thermal Resistance (Note)
RθJA
RθJL
40
15
℃
/W
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
Note:
Thermal Resistance from Junction to Ambient and from Junction to Lead Mounted on P.C.B.with 0.47×0.47”(12×12mm) Copper Pads.


Similar Part No. - DB101

ManufacturerPart #DatasheetDescription
logo
Surge Components
DB101 SURGE-DB101 Datasheet
75Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE-50 to 1000 Volts?
logo
Wing Shing Computer Com...
DB101 WINGS-DB101 Datasheet
272Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Rectron Semiconductor
DB101 RECTRON-DB101 Datasheet
36Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Bytes
DB101 BYTES-DB101 Datasheet
147Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Dc Components
DB101 DCCOM-DB101 Datasheet
375Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - DB101

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
DB101S-DB107S KINGTRONICS-DB101S-DB107S Datasheet
366Kb / 2P
Single Phase 1.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 1.0 Amperes
GBJ6005-GBJ610 KINGTRONICS-GBJ6005-GBJ610 Datasheet
592Kb / 2P
Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 6.0 Amperes
GBU4005-GBU410 KINGTRONICS-GBU4005-GBU410 Datasheet
523Kb / 2P
Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 4.0 Amperes
KBP2005-KBP210 KINGTRONICS-KBP2005-KBP210 Datasheet
505Kb / 2P
Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 2.0 Amperes
logo
Yea Shin Technology Co....
DB101 YEASHIN-DB101 Datasheet
408Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
Kingtronics Internation...
D2UB05-THRU-D2UB100 KINGTRONICS-D2UB05-THRU-D2UB100_15 Datasheet
223Kb / 2P
Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 2.0 Amperes
D3UB05-THRU-D3UB100 KINGTRONICS-D3UB05-THRU-D3UB100_15 Datasheet
375Kb / 2P
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 3.0 Amperes
D4UB05-THRU-D4UB100 KINGTRONICS-D4UB05-THRU-D4UB100_15 Datasheet
470Kb / 2P
Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 4.0 Amperes
logo
Rectron Semiconductor
MB1M RECTRON-MB1M Datasheet
522Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 100 to 1000 Volts CURRENT 1.0 Amperes
2018-06/61 REV:O
SLMD107S RECTRON-SLMD107S Datasheet
334Kb / 4P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 1000 Volts CURRENT 1.0 Amperes
2017-08/28 REV: O
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com