Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC35005-KBPC3510 Datasheet(PDF) 1 Page - Kingtronics International Company

Part # KBPC35005-KBPC3510
Description  High Current 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 35 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

KBPC35005-KBPC3510 Datasheet(HTML) 1 Page - Kingtronics International Company

  KBPC35005-KBPC3510 Datasheet HTML 1Page - Kingtronics International Company KBPC35005-KBPC3510 Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
1
KBPC35005 THRU KBPC3510
High Current 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
Voltage Range 50 to 1000 Volts Current 35 Amperes
FEATURES
◆
Ideal for printed circuit board
◆
Reliable low cost construction technique
results in inexpensive product
◆
High temperature soldering guaranteed:
260
/ 10 seconds / 0.375” ( 9.5mm )
℃
lead length at 5 lbs., ( 2.3 kg ) tension
◆
UL Recognized File number: E347214
MECHANICAL DATA
◆
Case: Molded plastic
◆
Lead: solder plated
◆
Polarity: As marked
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.For capacitive load, derate current by 20%
Type Number
SYMBOLS
KBPC
35005
KBPC
3501
KBPC
3502
KBPC
3504
KBPC
3506
KBPC
3508
KBPC
3510
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
at TC=55℃
I(AV)
35
A
Peak Forward Surge Current,
8.3ms Single Half Sine-wave Superimposed on
Rated Load (JEDEC method )
IFSM
400
A
Maximum Instantaneous Forward Voltage at 17.5A
VF
1.1
V
Maximum DC Reverse Current
at Rated DC Blocking voltage per Element
IR
10
μA
Typical Thermal Resistance (Note)
RθJC
2.0
℃
/W
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
Note:
Thermal Resistance from Junction to Case.


Similar Part No. - KBPC35005-KBPC3510

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
KBPC35005-KBPC3510 KINGTRONICS-KBPC35005-KBPC3510_16 Datasheet
371Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 35.0 Ampere
More results

Similar Description - KBPC35005-KBPC3510

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MP3505 RECTRON-MP3505 Datasheet
29Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes)
MB3505 RECTRON-MB3505_07 Datasheet
267Kb / 3P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes
MP3505 RECTRON-MP3505_11 Datasheet
188Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes
logo
Kingtronics Internation...
GBU4005-GBU410 KINGTRONICS-GBU4005-GBU410 Datasheet
523Kb / 2P
Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 4.0 Amperes
logo
GOOD-ARK Electronics
KBPC10 GOOD-ARK-KBPC10_15 Datasheet
702Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 10/15/25/35/50 Amperes
logo
Kingtronics Internation...
D2UB05-THRU-D2UB100 KINGTRONICS-D2UB05-THRU-D2UB100_15 Datasheet
223Kb / 2P
Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 2.0 Amperes
D3UB05-THRU-D3UB100 KINGTRONICS-D3UB05-THRU-D3UB100_15 Datasheet
375Kb / 2P
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 3.0 Amperes
D4UB05-THRU-D4UB100 KINGTRONICS-D4UB05-THRU-D4UB100_15 Datasheet
470Kb / 2P
Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 4.0 Amperes
logo
Rectron Semiconductor
MP3505W RECTRON-MP3505W Datasheet
146Kb / 5P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2019-06 REV:D
RS3505MH RECTRON-RS3505MH Datasheet
626Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 600 to 1000 Volts CURRENT 35 Amperes
2022-02/30 REV:C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com