Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TKT Datasheet(PDF) 2 Page - Kingtronics International Company

Part # TKT
Description  TKT Tantalum Capacitor ??Dipped
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

TKT Datasheet(HTML) 2 Page - Kingtronics International Company

  TKT Datasheet HTML 1Page - Kingtronics International Company TKT Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
2
TKT
Tantalum Capacitor – Dipped
■Typical Characteristic Curve
■HOW TO ORDER
TKT
0R1
M
350
2
B
R
|
|
|
|
|
|
|
Series
1.
2.
3.
4.
5.
6.
NOTE:
1.
Nominal Capacitance
Code
0R1
R22
010
2R2
220
221
Capacitance
0.1uF
0.22uF
1uF
2.2uF
22uF
220uF
2. Capacitance Tolerance
Code
J
K
M
Tolerance
±5%
±10%
±20%
3. Rated Voltage
Code
040
060
100
160
200
250
350
500
Voltage
4V
6.3V
10V
16V
20V
25V
35V
50V
4. Pitch
Code
2
5
Pitch (mm)
2.54
5.08
5. Packing
Code
A
B
Packing
Ammo
Bulk
6. Pb
Code
L
R
Pb
Leaded
RoHS
Note: Specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com