Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSLA1CF Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # CSLA1CF
Description  Linear Current Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

CSLA1CF Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  CSLA1CF Datasheet HTML 1Page - Honeywell Solid State Electronics Center CSLA1CF Datasheet HTML 2Page - Honeywell Solid State Electronics Center CSLA1CF Datasheet HTML 3Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Solid State Sensors
CS Series
Linear Current Sensors
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
59
SIDE MOUNT WITH 9SS SENSOR, SOURCE OUTPUT
Sensed
Sensitivity
Mtg.
Supply
Supply
Current
Offset
mV N*
Offset
Response
Catalog
Dim.
Volt.
Current
(Amps
Volt.
At 12 VDC
Shift
Time
Listing
Fig.
(Volts DC) (mA Max.) Peak)
(Volts±10%)
Nominal
± TOL
(%/°C)
(µ Sec.)
CSLA1GD
2a
8 to 16
19
57
Vcc/2
49.6
5.8
±.05
3
CSLA1GE
2a
8 to 16
19
75
Vcc/2
39.4
4.4
±.05
3
CSLA1GF
2a
8 to 16
19
100
Vcc/2
29.7
2.7
±.05
3
SIDE MOUNT WITH SS9 SENSOR, SINK/SOURCE OUTPUT
Sensed
Sensitivity
Mtg.
Supply
Supply
Current
Offset
mV N*
Offset
Response
Catalog
Dim.
Volt.
Current
(Amps
Volt.
At 8 VDC
Shift
Time
Listing
Fig.
(Volts DC) (mA Max.) Peak)
(Volts±2%)
Nominal
± TOL
(%/°C)
(µ Sec.)
CSLA2GD
2a
6 to 12
20
72
Vcc/2
32.7
3.0
±.02
8
CSLA2GE
2a
6 to 12
20
92
Vcc/2
26.1
2.1
±.02
8
CSLA2GF
2a
6 to 12
20
125
Vcc/2
19.6
1.3
±.02
8
CSLA2GG
2a
6 to 12
20
150
Vcc/2
12.7
0.6
±.02
8
NOTE: When monitoring purely AC current with zero DC component, a capacitor can be inserted in series with the output of the current sensor. The capacitor will block
out the effect of the temperature variation of the offset voltage which increases the accuracy of the device.
*N = number of turns.
MOUNTING DIMENSIONS (for reference only)
Figure 1
Figure 1a
Figure 2
Figure 2a
* Application consideration: The out-
put is clamped at the high end. Clamp-
ing voltage may be as low as 9VDC.
The output will not exceed the clamp-
ing voltage regardless of field strength
or supply voltage.
PDFINFO
p a g e - 0 5 9



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com