Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-2602 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2602
Description  High CMR Line Receiver Optocouplers Isolated line receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2602 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-2602 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Selection Guide
Widebody
Minimum CMR
8-Pin DIP (300 Mil)
Small-Outline SO-8(400 Mil)
Hermetic
Hermetic
On-
Single
Dual
Single
Dual
Single
Single and
dV/dt
VCM
Current
Output
Channel
Channel
Channel
Channel
Channel
Dual Channel
(V/
µs)
(V)
(mA)
Enable
Package
Package
Package
Package
Package
Packages
NA
NA
5
YES
6N137
HCPL-0600
HCNW137
NO
HCPL-2630
HCPL-0630
5,000
50
YES
HCPL-2601
HCPL-0601
HCNW2601
NO
HCPL-2631
HCPL-0631
10,000
1,000
YES
HCPL-2611
HCPL-0611
HCNW2611
NO
HCPL-4661
HCPL-0661
1,000
50
YES
HCPL-2602[1]
3,500
300
YES
HCPL-2612[1]
1,000
50
3
YES
HCPL-261A
HCPL-061A
NO
HCPL-263A
HCPL-063A
1,000[2]
1,000
YES
HCPL-261N
HCPL-061N
NO
HCPL-263N
HCPL-063N
1,000
50
12.5
[3]
HCPL-193X
HCPL-56XX
HCPL-66XX
Notes:
1. HCPL-2602/2612 devices include input current regulator.
2. 15 kV/
µs with V
CM = 1 kV can be achieved using Avago application circuit.
3. Enable is available for single channel products only, except for HCPL-193X devices.
Input
The HCPL-2602/12 are useful as line receivers in
high noise environments that conventional line
receivers cannot tolerate. The higher LED threshold
voltage provides improved immunity to differential
noise and the internally shielded detector provides
orders of magnitude improvement in common mode
rejection with little or no sacrifice in speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com