Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT46V64M4 Datasheet(PDF) 21 Page - Micron Technology

Part # MT46V64M4
Description  256Mb: x4, x8, x16 DDR SDRAM Features
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT46V64M4 Datasheet(HTML) 21 Page - Micron Technology

Back Button MT46V64M4 Datasheet HTML 17Page - Micron Technology MT46V64M4 Datasheet HTML 18Page - Micron Technology MT46V64M4 Datasheet HTML 19Page - Micron Technology MT46V64M4 Datasheet HTML 20Page - Micron Technology MT46V64M4 Datasheet HTML 21Page - Micron Technology MT46V64M4 Datasheet HTML 22Page - Micron Technology MT46V64M4 Datasheet HTML 23Page - Micron Technology MT46V64M4 Datasheet HTML 24Page - Micron Technology MT46V64M4 Datasheet HTML 25Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
PDF: 09005aef80768abb/Source: 09005aef82a95a3a
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DDR_x4x8x16_Core2.fm - 256Mb DDR: Rev. S, Core DDR: Rev. E 9/12 EN
21
©2003 Micron Technology, Inc. All rights reserved.
256Mb: x4, x8, x16 DDR SDRAM
Electrical Specifications – DC and AC
Figure 2:
SSTL_2 Clock Input
Notes:
1. CK or CK# may not be more positive than VDDQ + 0.3V or more negative than VSS - 0.3V.
2. This provides a minimum of 1.15V to a maximum of 1.35V and is always half of VDDQ.
3. CK and CK# must cross in this region.
4. CK and CK# must meet at least VID(DC),min when static and is centered around VMP(DC).
5. CK and CK# must have a minimum 700mV peak-to-peak swing.
6. For AC operation, all DC clock requirements must also be satisfied.
7. Numbers in diagram reflect nominal values for all devices other than -5B.
Table 5:
Clock Input Operating Conditions
Notes: 1–5, 16, 17, and 31 apply to the entire table; Notes appear on page 35;
0°C
T
A  70°C; VDDQ = 2.5V ±0.2V, VDD = 2.5V ±0.2V (VDDQ = 2.6V ±0.1V, VDD = 2.6V ±0.1V for -5B)
Parameter/Condition
Symbol
Min
Max
Units
Notes
Clock input mid-point voltage: CK and CK#
VMP(DC)
1.15
1.35
V
7, 10
Clock input voltage level: CK and CK#
VIN(DC)
–0.3
VDDQ + 0.3
V
7
Clock input differential voltage: CK and CK#
VID(DC)
0.36
VDDQ + 0.6
V
7, 9
Clock input differential voltage: CK and CK#
VID(AC)
0.7
VDDQ + 0.6
V
9
Clock input crossing point voltage: CK and CK#
VIX(AC)
0.5 × VDDQ - 0.2
0.5 × VDDQ + 0.2
V
10
CK
CK#
2.80V
Maximum clock level1
Minimum clock level1
–0.30V
1.25V
1.45V
1.05V
V
ID(AC)
5
VID(DC)
4
X
VMP(DC)
2
VIX(AC)
3
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com