Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6120 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6120
Description  8-24 GHz x2 Frequency Multiplier 5x5mm Surface Mount Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6120 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6120 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6120 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6120 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6120 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6120 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6120 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6120 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Electrical Specifications
1. Small/Large -signal data measured in a fully de-embedded test fixture form TA = 25°C.
2. Pre-assembly into package performance verified 100% on-wafer.
3. This final package part performance is verified by a functional test correlated to actual performance at one or more
frequencies.
4. Specifications are derived from measurements in a 50 Ω test environment. Aspects of the amplifier performance
may be improved over a more narrow bandwidth by application of additional conjugate, linearity, or low noise
(Гopt) matching.
Table 1. RF Electrical Characteristics
TA=25°C, Vd=50V, Vg=-1.4V, Idq=85mA, Zin=Zout=50 Ω
Parameter
Min
Typ.
Max
Unit
Output Power, Pout
13
16
dBm
Input Power at 1dB Gain Compression,
IP-1dB
2
dBm
Input Return Loss, RLin
-15
dB
Output Return Loss, RLout
-10
dB
Fundamental Suppresion, Sup
18
25
dBc
3rd Harmonic Suppression, Sup3
25
dBc
4th Harmonic Suppression, Sup4
35
dBc
Single Side Band Phase Noise, SSBPN
(@100kHz offset, fout=15.6GHz)
-140
dBc
Table 2. Recommended Operating Range
1. Ambient operational temperature TA = 25°C unless otherwise noted.
2. Channel-to-backside Thermal Resistance (Tchannel (Tc) = 34°C) as measured using infrared microscopy. Thermal Re-
sistance at backside temperature (Tb) = 25°C calculated from measured data.
Description
Min.
Typical
Max.
Unit
Comments
Drain Supply Current, Id
85
110
mA
Vd = 5V, Under any RF power
drive and temperature
Gate Current, Ig
9
uA
Table 3. Thermal Properties
Parameter
Test Conditions
Value
Thermal Resistance,
qch-b
Channel-to-backside Thermal Resistance Tchannel(Tc)=34°C
Thermal Resistance at backside temperature Tb=25°C
qch-b = 34 °C/W
Absolute Minimum and Maximum Ratings
Table 4. Minimum and Maximum Ratings
Description
Min.
Max.
Unit
Comments
Drain Supply Voltage, Vd
7
V
Gate Supply Voltage, Vg
-3.0
+0.5
V
Drain Current, Idq
120
mA
CW Input Power, Pin
15
dBm
Channel Temperature, Tch
+150
°C
Storage Temperature , Tstg
-65
+150
°C
Maximum Assembly Temperature, Tmax
+300
°C
60 second maximum
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to this device.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com