Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44C401L Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC44C401L
Description  MC44C401L MTS Stereo Encoder
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44C401L Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC44C401L Datasheet HTML 1Page - Freescale Semiconductor, Inc MC44C401L Datasheet HTML 2Page - Freescale Semiconductor, Inc MC44C401L Datasheet HTML 3Page - Freescale Semiconductor, Inc MC44C401L Datasheet HTML 4Page - Freescale Semiconductor, Inc MC44C401L Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44C401L Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44C401L Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44C401L Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44C401L Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MTS Stereo Encoder, Rev. 0.5
2
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
Reference Documentation
•
Extended low frequency response (The MC44C401L frequency response extends below 25 Hz)
•
Simple passive interface to Motorola’s MC44BC374 (UHF/VHF) and MC44BC375 (VHF) modulators
•
Preservation of original surround sound fidelity
•
System performance not impacted by copy protection technologies
•
Enables lower system component count, smaller board size, and significantly lower overall system cost
•
Eliminates manual alignment of filters, phase controls, and composite signal amplitude
2
Reference Documentation
“Multichannel Television Sound Transmission and Audio Processing Requirements for the BTSC System”, FCC
OET Bulletin No. 60, February 1986.
3
Block Diagrams
Figure 1. MC44C401L Block Diagram
Clock
Generator
MC44C401L
Oscillator
APLLVDD
APLL
XTALIN
XTALOUT
APLLVSS
Σ∆
ADC
V-REF
Σ∆
ADC
Sync
Separator
Sync
Separator
Reference
Σ∆
DAC
DACVDD
CA
DACVSS
CLK4MHZ
DVSS
OVDD
DVSS
DVDD
DVSS
DVSS
DVSS
Audio
Processor
VID_PRES
ADCVDD
VINLP
VAGO
VREFP
VAGO
VREFM
VINRP
VAGO
ADCVSS
CVBS
SSVDD
SSVSS
30
28
27
29
7
9
10
4
6
5
2
3
8
1
31
32
17
18
19
20
21
24
25
26
16
15
11
22
4MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com