Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8315 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MPC8315
Description  MPC8315E PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MPC8315 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
47
I2C
This figure provides the test access port timing diagram.
Figure 32. Test Access Port Timing Diagram
13 I2C
This section describes the DC and AC electrical characteristics for the I2C interface of the MPC8315E.
13.1
I2C DC Electrical Characteristics
This table provides the DC electrical characteristics for the I2C interface.
Table 47. I2C DC Electrical Characteristics
At recommended operating conditions with NVDD of 3.3 V ± 300 mv
Parameter
Symbol
Min
Max
Unit
Note
Input high voltage level
VIH
0.7
 NVDD
NVDD + 0.3
V
—
Input low voltage level
VIL
–0.3
0.3
 NVDD
V
—
Low level output voltage
VOL
00.2
 NVDD
V
1
High level output voltage
VOH
0.8
 NVDD
NVDD + 0.3
V
—
Output fall time from VIH(min) to VIL(max) with a bus
capacitance from 10 to 400 pF
tI2KLKV
20 + 0.1
 C
B
250
ns
2
Pulse width of spikes which must be suppressed by the input
filter
tI2KHKL
050
ns
3
Capacitance for each I/O pin
CI
—10
pF
—
Input current (0 V
V
IN NVDD)
IIN
—± 5
A4
Note:
1. Output voltage (open drain or open collector) condition = 3 mA sink current.
2. CB = capacitance of one bus line in pF.
3. See the MPC8315E PowerQUICC II Pro Integrated Host Processor Family Reference Manual for information on the digital
filter used.
4. I/O pins obstruct the SDA and SCL lines if NVDD is switched off.
VM = Midpoint Voltage (NVDD/2)
VM
VM
tJTIVKH
tJTIXKH
JTAG
External Clock
Output Data Valid
tJTKLOX
tJTKLOZ
tJTKLOV
Input
Data Valid
Output Data Valid
TDI, TMS
TDO
TDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com