Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8315 Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc

Part # MPC8315
Description  MPC8315E PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315 Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button MPC8315 Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8315 Datasheet HTML 106Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 104 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
104
Freescale Semiconductor
Ordering Information
also includes an application modifier which may specify special application conditions. Each part number
also contains a revision code which refers to the die mask revision number.
This table shows the SVR settings by device and package type.
Table 81. Part Numbering Nomenclature
MPC
8315
EC
VR
AG
D
A
Product
Code
Part
Identifier
Encryption
Acceleration
Temperature
Range 3
Package 1
e300 Core
Frequency 2
DDR
Frequency
Revision
Level
MPC
8315
Blank = Not
included
E = included
Blank = 0 to 105
C
C = –40 to 105
C
VR= Pb
Free
TEPBGA II
AD = 266 MHz
AF = 333 MHz
AG = 400 MHz
D = 266 MHz Contact
local
Freescale
sales office
Note:
1. See Section 23, “Package and Pin Listings,” for more information on available package types.
2. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this specification
support all core frequencies. Additionally, parts addressed by electric may support other maximum core frequencies.
3. Contact your local Freescale field applications engineer (FAE).
Table 82. SVR Settings
Device
Package
SVR (Rev 1.0)
SVR (Rev 1.1)
SVR (Rev 1.2)
MPC8315E
TEPBGA II
0x80B4_0010
0x80B4_0011
0x80B4_0012
MPC8315
TEPBGA II
0x80B5_0010
0x80B5_0011
0x80B5_0012
Note:
1. PVR = 8085_0020 for all devices and revisions in this table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com