Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3CLD112M Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3CLD112M
Description  Photoelectric Sensors with Separate Digital Amplifiers (Laser-type Amplifier Units)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3CLD112M Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3CLD112M Datasheet HTML 1Page - Omron Electronics LLC E3CLD112M Datasheet HTML 2Page - Omron Electronics LLC E3CLD112M Datasheet HTML 3Page - Omron Electronics LLC E3CLD112M Datasheet HTML 4Page - Omron Electronics LLC E3CLD112M Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
E3C-LDA Series Photoelectric Sensors with Separate Digital Amplifiers (Laser-type Amplifier Units)
■ Amplifier Unit Connectors
(Order Separately)
■ Mobile Console
(Order Separately)
Note 1. Use the E3X-MC11-SV2 Mobile Console for the E3C-LDA-series
Amplifier Units. Other Mobile Consoles cannot be used.
2. The E3X-MC11-SV2 is an upgraded version of the E3X-MC11-S,
to which a corresponding Sensor Head is added. (The E3X-
MC11-SV2 and E3X-MC11-S are compatible.)
■ Accessories (Order Separately)
Beam Units
Reflectors
Specifications
■ Ratings/Characteristics
Sensor Heads
Note 1. Values are sensed for white paper.
2. These values apply when a E39-R12 Reflector is used. The MSR function is built-in. The reflected light from the object being measured may affect the sensing
accuracy, so adjust the threshold value before use.
3. The beam radius is the value for the middle measurement distance and indicates a typical value for the middle sensing distance. The radius is defined by light
intensity of 1/e2 (13.5%) of the central light intensity.
Light will extend beyond the main beam and may be affected by conditions surrounding the object being measured.
4. The E3C-LR12 has a fixed beam size (the focus point cannot be changed).
Item
Appearance
Cable
length
No. of con-
ductors
Model
Master Connec-
tor
2 m
4
E3X-CN21
Slave Connector
2
E3X-CN22
Appearance
Model
Remarks
E3X-MC11-SV2
(model number of set)
(See notes 1 and 2.)
Mobile Console with
Head, Cable, and AC
adapter provided as
accessories
E3X-MC11-C1-S
Mobile Console
E3X-MC11-H1
Head
E39-Z12-1
Cable (1.5 m)
Applicable
Sensor Head
Appearance
Focus
Model
E3C-LD11
Line
E39-P11
Area
E39-P21
E3C-LR11
Line
E39-P31
Area
E39-P41
Type
Appearance
Model
Standard Effective area: 23
× 23
mm
E39-R12
Standard Effective area: 7
× 7 mm
E39-R13
Short-distance transparent detec-
tion
Effective area: 23
× 23 mm
E39-R14
Sheet (cuttable) Effective area:
195
× 22 mm
E39-RS4
Sheet (cuttable) Effective area:
108
× 46 mm
E39-RS5
Item
Diffuse reflective
Coaxial retroreflective (with MSR)
E3C-LD11
E3C-LD21
E3C-LD31
E3C-LR11
E3C-LR11 + E39-
P31
E3C-LR11 + E39-
P41
E3C-LR12
Light source
(emission wavelength)
Red semiconductor laser diode (650 nm), 2.5 mW max. (JIS standard: Class 2, FDA standard: Class II)
1 mW max. (JIS
standard Class
1)
Sensing distance
High-resolution mode: 30 to 1,000 mm
Standard mode: 30 to 700 mm
Super-high-speed mode: 30 to 250 mm
(See note 1.)
7 m
5 m
2 m
(See note 2.)
1,700 mm,
1,300 mm
700 mm
(See note 2.)
900 mm
700 mm
400 mm
(See note 2.)
7 m
5 m
2 m
(See note 2.)
Beam size (See note 3.)
0.8 mm max.
(at distances
up to 300 mm)
33 mm (at
150 mm)
33
× 15 mm (at
150 mm)
0.8 mm max.
(at distances
up to 1,000
mm)
28 mm (at 150 mm)
28
× 16 mm (at
150 mm)
2.0 mm dia. (at
distances up to
1,000 mm)
Functions
Variable focal point mechanism (beam size adjustment) (See note 4.), optical axis adjustment mechanism (axis adjustment)
Indicators
LDON indicator: Green; Operation indicator: Orange
Ambient illumination
(receiver side)
3,000 lx (incandescent lamp)
Ambient temperature
Operating:
−10°C to 55°C; Storage: −25°C to 70°C (with no icing or condensation)
Ambient humidity
Operating/storage: 35% to 85% (with no condensation)
Vibration resistance
(destruction)
10 to 150 Hz with double amplitude of 0.7 mm, in X, Y, and Z directions for 80 min each
Degree of protection
IEC 60529: IP40
Materials
Case and cover:
ABS
Front surface filter:
Acrylic resin
Case and cover:
ABS
Front surface filter: Glass
Weight (packed)
Approx. 85 g
Approx. 100 g



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com