Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-P454 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-P454
Description  High CMR High Speed Optocoupler Surface Mountable in 6-pin stretched SO6
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-P454 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-P454 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-P454 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-P454 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-P454 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-P454 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-P454 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-P454 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-P454 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-P454 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Package Outline Drawings
ACPL-W454 (Stretched SO6, 8mm Clearance)
Ordering Information
ACPL-P454 and ACPL-W454 are UL Recognized with 3750 Vrms (5000 Vrms under ACPL-W454) for 1 minute per UL1577
and are approved under CSA Component Acceptance Notice #5, File CA 88324.
Part number
Option
Package
Surface Mount
Tape
& Reel
IEC/EN/DIN EN
60747-5-2
Quantity
RoHS
Compliant
ACPL-P454
ACPL-W454
-000E
Stretched
SO-6
X
100 per tube
-500E
X
X
1000 per reel
-060E
X
X
100 per tube
-560E
X
X
X
1000 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
ACPL-P454-560E to order product of Stretched SO-6 package in Tape and Reel packaging with IEC/EN/DIN EN 60747-
5-2 Safety Approval in RoHS compliant.
Example 2:
ACPL-P454-000E to order product of Stretched SO-6 package in tube packaging and RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
1
2
3
4
5
6
0.38 ± 0.127
[.015 ± .005]
1.27 [.050] BSG
4.580
+0.254
0
.180
+.010
- .000
0.76
[.030]
12.65 [.498]
1.91 [.075]
1.590 ± 0.127
[.063 ± .005]
3.180 ± 0.127
[.125 ± .005]
6.807
+0.127
0
.268
+.005
- .000
0.45
[.018]
0.750 ± 0.250
[0.0295 ± 0.010]
0.20 ± 0.10
[.008 ± .004]
11.50 ± 0.250
[.453 ± .010]
7°
45°
7°
Land Pattern Recommendation
Dimensions in Millimeters [Inches]
Coplanarity = 0.1mm [0.004 inches]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com