Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMP-3824 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-3824
Description  Surface Mount RF PIN Switch and Limiter Diodes Tape and Reel Options Available
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-3824 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMP-3824 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMP-3824 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-3824 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-3824 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-3824 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-3824 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMP-3824 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMP-3824 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMP-3824 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Absolute Maximum Ratings[1] T
C = +25°C
Symbol
Parameter
Unit
SOT-23
SOT-323
I
f
Forward Current (1 μs Pulse)
Amp
1
1
P
IV
Peak Inverse Voltage
V
50
50
T
j
Junction Temperature
°C
150
150
T
stg
Storage Temperature
°C
-65 to 150
-65 to 150
θjc
Thermal Resistance[2]
°C/W
500
150
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to the
device.
2. T
C
= +25°C, where T
C
is defined to be the temperature at the package pins where contact is
made to the circuit board.
Minimum
Maximum
Typical
Maximum
Typical
Part
Package
Breakdown
Series
Total
Total
Total
Number
Marking
Lead
Voltage
Resistance
Capacitance
Capacitance
Inductance
HSMP-
Code
Code
Configuration
V
BR (V)
R
S (Ω)
C
T (pF)
C
T (pF)
L
T (nH)
4820
FA
A
Dual Anode
50
0.6
0.75
1.2
1.0
482B
FA
A
Dual Anode
Test Conditions
V
R
= V
BR
I
F
= 10 mA
f = 1 MHz
f = 1 MHz
f = 500 MHz –
Measure
V
R
= 20 V
V
R
= 0 V
3 GHz
I
R
≤ 10 μA
High Frequency (Low Inductance, 500 MHz – 3 GHz) PIN Diodes
Electrical Specifications T
C = 25°C
Package
Minimum
Maximum
Maximum
Part Number
Marking
Lead
Breakdown
Series Resistance
Total Capacitance
HSMP-
Code
Code
Configuration
Voltage V
BR (V)
R
S (Ω)
C
T (pF)
3820
F0
0
Single
50
0.6
0.8
3822
F2
2
Series
3823
F3
3
Common Anode
3824
F4
4
Common Cathode
Test Conditions
V
R
= V
BR
f = 100 MHz
f = 1 MHz
Measure
I
F
= 10 mA
V
R
= 20 V
I
R
≤ 10 μA
Typical Parameters at T
C = 25°C
Part Number
Series Resistance
Carrier Lifetime
Reverse Recovery Time
Total Capacitance
HSMP-
R
S (Ω)
τ (ns)
T
rr (ns)
C
T (pF)
382x
1.5
70
7
0.60 @ 20 V
Test Conditions
f = 100 MHz
I
F
= 10 mA
V
R
= 10 V
I
F
= 10 mA
I
F
= 20 mA
90% Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com