Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3000 Datasheet(PDF) 21 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-3000
Description  Low Power Optical Mouse Sensor Small Form Factor Low Power Architecture
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-3000 Datasheet(HTML) 21 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-3000 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED ADNS-3000 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED ADNS-3000 Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED ADNS-3000 Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED ADNS-3000 Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED ADNS-3000 Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED ADNS-3000 Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED ADNS-3000 Datasheet HTML 24Page - AVAGO TECHNOLOGIES LIMITED ADNS-3000 Datasheet HTML 25Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21
SHUT_HI
Address: 0x06
Shutter Open Time (Upper 8-bits) Register
Access: Read
Reset Value: 0x00
Bit
76543210
Field
S15
S14
S13
S12
S11
S10
S9
S8
SHUT_LO
Address: 0x07
Shutter Open Time (Lower 8-bits) Register
Access: Read
Reset Value: 0x64
Bit
76543210
Field
S7
S6
S5
S4
S3
S2
S1
S0
Data Type: Sixteen bit unsigned integer.
USAGE: Units are in clock cycles. Read SHUT_HI first, then SHUT_LO. They should be read consecutively. The shutter is
adjusted to keep the average and maximum pixel values within normal operating ranges. The shutter value is
automatically adjusted.
PIX_MAX
Address: 0x08
Maximum Pixel Value Register
Access: Read
Reset Value: 0xD0
Bit
76543210
Field
MP7
MP6
MP5
MP4
MP3
MP2
MP1
MP0
Data Type: Eight-bit number.
USAGE: Store the highest pixel value in current frame. Minimum value = 0, maximum value = 254. The highest pixel
value may vary with different frame.
PIX_ACCUM
Address: 0x09
Average Pixel Value Register
Access: Read
Reset Value: 0x80
Bit
76543210
Field
AP7
AP6
AP5
AP4
AP3
AP2
AP1
AP0
Data Type: High 8-bits of an unsigned 17-bit integer.
USAGE: This register stores the accumulated pixel value of the last image taken. This register can be used to find the
average pixel value, where Average Pixel = (register value AP[7:0])* 1.058
The maximum accumulated value is 122936 but only bits [16:9] are reported, therefore the maximum register
value is 240. The minimum is 0. The PIX_ACCUM value may vary with different frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com