Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78253/35MVC Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # 78253/35MVC
Description  MAX253 Compatible Converter Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

78253/35MVC Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  78253/35MVC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 78253/35MVC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 78253/35MVC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. 78253/35MVC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. 78253/35MVC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KMP_78253C_D04 Page 2 of 5
78253 Series
MAX253 Compatible Converter Transformers
www.murata-ps.com/support
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT DETAILS
6 Pin DIL
6 Pin SM
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
-40°C to 85°C
Storage temperature range
-50°C to 125°C
Lead Temperature 1.5mm from case for 10 seconds
300°C
Peak current I
PK
400mA
Isolation voltage 78253/XX(M)C (flash tested for 1 second)
1500VDC
Isolation voltage 78253/XX(M)VC (flash tested for 1 second)
4000VDC
0.135±0.02
(3.44±0.50)
0.25
(6.35)
0.354
(9.0) MAX
0.375
(9.52) MAX
0.012(0.30)
0.008(0.20)
0.40
(10.16)
0.1 (2.54)
0.025 (0.63)
0.021 (0.53)
0.354
(9.0) MAX
0.375
(9.52) MAX
0.5
(12.70)
0.025 (0.63)
0.021 (0.53)
0.1
(2.54)
0.035
(0.90)
0.012 0.30
(0.008 0.20)
0.25
(6.35)
78253/55MC
XYYWW
78253/35C
XYYWW
Primary
Secondary
Primary
Secondary
1
2
3
6
4
5
1
2
3
6
4
5
0.10 (2.54)
0.10 (2.54)
Ø0.05 (1.20) +0.006 (0.15)
-0.000 (0.00)
0.45
(11.50)
0.10 (2.54)
0.04
(1.00)
0.06 (1.60)
6 Pin DIL
6 Pin SM
Unless otherwise stated all dimensions in inches (mm) ±0.01 (0.25).
All pins on a 0.1 (2.54) pitch and within ±0.01 (0.25) of true position.
Package weight 1.0g Typ.
0.10 (2.54)
0.10 (2.54)
Ø0.05 (1.20) +0.006 (0.15)
-0.000 (0.00)
0.45
(11.50)
0.10 (2.54)
0.04
(1.00)
0.06 (1.60)
Unless otherwise stated all dimensions in inches (mm) ±0.01 (0.25).
All pins on a 0.1 (2.54) pitch and within ±0.01 (0.25) of true position.
Top View
Top View



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com