Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT10HH Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # PLT10HH
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT10HH Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  PLT10HH Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PLT10HH Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PLT10HH Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PLT10HH Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PLT10HH Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PLT10HH Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PLT10HH Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PLT10HH Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PLT10HH Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
152
Part Numbering
(Part Number)
DLp
t
N
y
371
q
DL
u
S
r
S
e
21
2
o!0
L
w
W
i
Q
Chip Common Mode Choke Coil
eDimensions (LgW)
Code
0.85g0.65mm
1.25g1.0mm
1.5g0.65mm
2.0g1.2mm
3.2g1.6mm
2.0g1.0mm
2.5g2.0mm
5.0g3.6mm
5.0g5.0mm
Dimensions (LgW)
03025
0504
05025
0805
1206
0804
1008
2014
2020
EIA
0N
11
1N
21
31
2A
2H
5A
5B
qProduct ID
DL
Chip Common Mode Choke Coils
Product ID
wStructure
W
M
P
Wire Wound Type
Multilayer Type
Film Type
Code
Structure
tCategory
A
B
N
R
Expressed by a letter.
Code
Category
C
S
D
H
G
T
Magnetically Shielded One Circuit Type
Magnetically Shielded Two Circuit Type
Open Magnetic One Circuit Type
Magnetically Monolithic Type (sectional winding)
Magnetically Shielded One Circuit Low Profile Type
Code
Type
!0Packaging
K
L
B
DLW5AH/DLW5BS/DLW5BT
All Series
All Series
Embossed Taping (ø330mm Reel)
Embossed Taping (ø180mm Reel)
Bulk
Code
Packaging
Series
2
3
4
Two Lines
Three Lines
Four Lines
Code
Number of Signal Lines
D
L
Q
Z
Expressed by a letter.
Expressed by a letter.
Code
Features
iFeatures (2)
rFeatures (1)
yImpedance
Typical impedance at 100MHz is expressed by three figures. The
unit is in ohm (
Ω). The first and second figures are significant
digits, and the third figure expresses the number of zeros which
follow the two figures.
uCircuit
S
M
H
U
Code
Circuit
oNumber of Signal Lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com