Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NATT331M50V16X17JLSF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NATT331M50V16X17JLSF
Description  Surface Mount Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NATT331M50V16X17JLSF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NATT331M50V16X17JLSF Datasheet HTML 1Page - NIC-Components Corp. NATT331M50V16X17JLSF Datasheet HTML 2Page - NIC-Components Corp. NATT331M50V16X17JLSF Datasheet HTML 3Page - NIC-Components Corp. NATT331M50V16X17JLSF Datasheet HTML 4Page - NIC-Components Corp. NATT331M50V16X17JLSF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Aluminum Electrolytic Capacitors
NATT Series
FEATURES
• CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING
• AVAILABLE WITH ANTI-VIBRATION WIDE TERMINATIONS
• EXTENDED TEMPERATURE & LOAD LIFE (1,000 ~ 2,000 HOURS @ +125°C)
• SUITABLE FOR DC-DC CONVERTER, DC-AC INVERTER, ETC.
• DESIGNED FOR AUTOMATIC MOUNTING AND REFLOW SOLDERING
CHARACTERISTICS
LOW ESR COMPONENT
LIQUID ELECTROLYTE
For Performance Data
see www.LowESR.com
Rated Voltage Rating
6.3 ~ 100Vdc
Rated Capacitance Range
2.2 ~ 4,700
μF
Operating Temp. Range
-40 ~ +125°C
Capacitance Tolerance
±20% (M)
Max. Leakage Current
After 2 Miuntes @ 20°C
0.01CV or 3
μA
whichever is greater
Tan
δ @ 120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
63
100
S.V. (Vdc)
8.0
13
20
32
44
63
79
125
Tan
δ
0.30
0.24
0.20
0.16
0.14
0.14
0.12
0.10
Low Temperature
Stability
Impedance Ratio @ 120Hz
W.V. (Vdc)
6.3
10
16
25
35
50
63
100
Z-25°C/Z+20°C
43222222
Z-40°C/Z+20°C
86433333
Load Life Test @ 125°C
1,000 ~ 2,000 hours
(see specifications tables
for specific part numbers)
Capacitance Change
Within ±30% of initial measured value
Tan
δ
Less than ±300% of the specified maximum value
Leakage Current
Less than the specified maximum value
Cap
(
μF) Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
100
2.2
2R2
-
-
-
-
-
6.3x6.3
-
-
3.3
3R3
-
-
-
-
-
6.3x6.3
-
-
4.7
4R7
-
-
-
-
6.3x6.3
6.3x6.3
-
-
10
100
-
-
-
-
6.3x6.3
6.3x6.3
-
8x10.5
22
220
-
-
-
-
6.3x6.3
6.3x8
8x10.5
8x10.5
33
330
-
-
-
6.3x6.3
6.3x8
6.3x8
8x10.5
10x10.5
8x10.5
47
470
-
6.3x6.3
6.3x6.3
6.3x8
6.3x8
8x10.5
8x10.5
12.5x14
8x10.5
10x10.5
10x10.5
100
101
6.3x6.3
6.3x8
6.3x8
6.3x8
8x10.5
10x10.5
10x10.5
16x17
8x10.5
8x10.5
10x10.5
12.5x14
12.5x14
220
221
6.3x8
6.3x8
8x10.5
8x10.5
10x10.5
12.5x14
12.5x14
-
8x10.5
10x10.5
12.5x14
16x17
330
331
8x10.5
8x10.5
10x10.5
10x10.5
12.5x14
12.5x14
16x17
-
12.5x14
16x17
470
471
8x10.5
10x10.5
12.5x14
12.5x14
12.5x14
16x17
16x17
-
16x17
680
681
10x10.5
12.5x14
12.5x14
12.5x14
16x17
16x17
-
-
1000
102
12.5x14
12.5x14
12.5x14
16x17
16x17
-
-
-
1500
152
12.5x14
12.5x14
16x17
16x17
-
-
-
-
2200
222
12.5x14
16x17
16x17
-
-
-
-
-
3300
332
16x17
16x17
-
-
-
-
-
-
4700
472
16x17
-
-
-
-
-
-
-
Code
Peak Reflow
Temperature
N
260°C
L
250°C
K
245°C
J
240°C
H
235°C
Code
Finish & Reel Size
B
Sn-Bi Finish & 13" Reel
LB
Sn-Bi Finish & 15" Reel
S
100% Sn Finish & 13" Reel
LS
100% Sn Finish & 15" Reel
PEAK REFLOW
TEMPERATURE CODES
STANDARD VALUES AND CASE SIZES (mm)
TERMINATION FINISH &
PACKAGING OPTIONS CODES
SAC Alloy Compatible
230°C ~ 260°C
CASE SIZE DIMENSIONS (mm)
Case Size
φD±0.5 L max. A±0.2 B±0.2 I±0.3
W
P±0.3
6.3x6.3
6.3
6.3
6.6
6.6
2.5 0.5~0.8
2.2
6.3X8
6.3
8.0
6.6
6.6
2.5 0.5~0.8
2.2
8x10.5
8.0
10.5
8.3
8.3
2.9 0.7~1.0
3.2
10x10.5
10.0
10.5
10.3
10.3
3.2 1.1~1.4
4.6
12.5x14
12.5
14.0
12.8
12.8
4.5 1.1~1.4
4.6
16x17
16.0
17.0
16.3
16.3
5.5 1.8~2.1
7.0
0.3mm max.
D
φ
L
+
-
I
I
W
P
A
B
*See Part Number System for Details
PN
b
S
fD
il
RoHS
Compliant
includes all homogeneous materials
Note 1: 16mm diameter parts are
only available with Sn finish.
Note 2: 12.5mm & 16mm parts are only
available on 15" reels.


Similar Part No. - NATT331M50V16X17JLSF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NATT331M50V16X17JLSF NIC-NATT331M50V16X17JLSF Datasheet
187Kb / 5P
Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NATT331M50V16X17JLSF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACK NIC-NACK Datasheet
48Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
NACNW NIC-NACNW Datasheet
172Kb / 1P
Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com