Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHT2020AT Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # MHT2020AT
Description  MHT-AT Series 4,200 RPM, Ultra ATA/100 2.5-Inch Mobile Drives
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

MHT2020AT Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  MHT2020AT Datasheet HTML 1Page - Lite-On Technology Corporation MHT2020AT Datasheet HTML 2Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Whisper-quiet performance, high capacities and rugged reliability for mobile applications.
Breakthrough technologies combine high performance,
capacity and durability with low noise emissions and
power consumption.
MHT-AT Series
4,200 RPM, Ultra ATA/100 2.5-Inch
Mobile Drives
High areal density enables capacity points of 20GB,
30GB, 40GB, 60GB, and 80GB in a low-profile, 9.5-mm
form factor
Rugged construction delivers high shock tolerance
(900G, 1 ms, non-operating; 225G, 2 ms operating)
for lasting performance
Intelligent seek profile and Fluid Dynamic Bearing
Motors dramatically reduce acoustic noise
Fast Ultra ATA/100 interface and 4,200 RPM
spindle speed
Intelligent power management technology
reduces power consumption to as little as
0.1 Watt in sleep mode


Similar Part No. - MHT2020AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MHT2000GNR1 NXP-MHT2000GNR1 Datasheet
1Mb / 21P
RF LDMOS Integrated Power Amplifiers
Rev. 0, 5/2014
MHT2000N NXP-MHT2000N Datasheet
1Mb / 21P
RF LDMOS Integrated Power Amplifiers
Rev. 0, 5/2014
MHT2000NR1 NXP-MHT2000NR1 Datasheet
1Mb / 21P
RF LDMOS Integrated Power Amplifiers
Rev. 0, 5/2014
MHT2012N NXP-MHT2012N Datasheet
439Kb / 14P
RF LDMOS Integrated Power Amplifier
Rev. 0, 07/2018
More results

Similar Description - MHT2020AT

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A29 DBLECTRO-A29 Datasheet
284Kb / 1P
ULTRA ATA BUS CONNECTOR
logo
Integrated Device Techn...
ICS9UMS9633B IDT-ICS9UMS9633B Datasheet
214Kb / 22P
ULTRA MOBILE PC/MOBILE INTERNET DEVICE
logo
List of Unclassifed Man...
SLFLD25-128J ETC2-SLFLD25-128J Datasheet
195Kb / 21P
128 MB to 8 GB 2.5-Inch IDE Flash Drives
5K1000 ETC2-5K1000 Datasheet
676Kb / 2P
2.5-Inch Mobile 5400 RPM 9.5mm Hard Disk Drives
A7K2000 ETC2-A7K2000 Datasheet
930Kb / 2P
3.5-Inch Enterprise 7200 RPM Hard Disk Drives
C7K1000 ETC2-C7K1000 Datasheet
513Kb / 2P
2.5-Inch SFF Enterprise Hard Disk Drives
US7K4000 ETC2-US7K4000 Datasheet
411Kb / 2P
3.5-INCH ENTERPRISE 7200 RPM HARD DISK DRIVES
Z7K500 ETC2-Z7K500 Datasheet
514Kb / 2P
2.5-INCH MOBILE 7200 RPM 7MM HARD DISK DRIVES
logo
Western Digital Corpora...
WD5000BEVT WESTERN-WD5000BEVT Datasheet
388Kb / 4P
WD Scorpio® Blue™ Mobile Hard Drives
Dec 2011
logo
Toshiba Semiconductor
MD03ACA-V TOSHIBA-MD03ACA-V Datasheet
1Mb / 2P
Hard Disk Drives 2TB / 3TB / 4TB * 3.5-Inch / 7,200 RPM / SATA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com