Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM337IMP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM337IMP
Description  3-Terminal Adjustable Negative Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM337IMP Datasheet(HTML) 2 Page - Texas Instruments

  LM337IMP Datasheet HTML 1Page - Texas Instruments LM337IMP Datasheet HTML 2Page - Texas Instruments LM337IMP Datasheet HTML 3Page - Texas Instruments LM337IMP Datasheet HTML 4Page - Texas Instruments LM337IMP Datasheet HTML 5Page - Texas Instruments LM337IMP Datasheet HTML 6Page - Texas Instruments LM337IMP Datasheet HTML 7Page - Texas Instruments LM337IMP Datasheet HTML 8Page - Texas Instruments LM337IMP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LM137, LM337-N
SNVS778D – MAY 1999 – REVISED APRIL 2013
www.ti.com
Typical Applications
Full output current not available at high input-output voltages
†C1 = 1
μF solid tantalum or 10 μF aluminum electrolytic required for stability
*C2 = 1
μF solid tantalum is required only if regulator is more than 4″ from power-supply filter capacitor
Output capacitors in the range of 1
μF to 1000 μF of aluminum or tantalum electrolytic are commonly used to provide
improved output impedance and rejection of transients
Figure 1. Adjustable Negative Voltage Regulator
Comparison between SOT-223 and D-Pak (TO-252) Packages
Figure 2. Scale 1:1
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM137 LM337-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com