Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHT2030AT Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # MHT2030AT
Description  MHT-AT Series 4,200 RPM, Ultra ATA/100 2.5-Inch Mobile Drives
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

MHT2030AT Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  MHT2030AT Datasheet HTML 1Page - Lite-On Technology Corporation MHT2030AT Datasheet HTML 2Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Quietly satisfying the requirements of life at
home and on the road.
With significant advancements in head and media
technology, ruggedness and power conservation,
Fujitsu MHT-AT Series Mobile Drives are ideally
suited to mobile applications. What’s more, noise-
reducing technologies, such as intelligent seek profiles
and Fluid Dynamic Bearing (FDB) Spindle Motors, benefit
consumer electronics applications as well. FDB
Spindle Motors and a ramp — head load/unload
feature also increase shock tolerance for improved
reliability. So, the MHT-AT Series addresses the
needs of a wide range of applications.
Big on the inside, small on the outside.
Mobile and consumer electronic devices demand
a blend of high performance, capacity and
compactness. High areal densities up to 69.3
GB/sq. in., combined with Spin Valve GMR heads,
Synthetic Ferri-magnetic and GDT media, and a
4,200-RPM spindle speed enable MHT-AT Series
drives to deliver outstanding performance and
high capacity in a low-profile, 9.5-mm form factor.
Available in 20GB, 30GB, 40GB, 60GB and 80GB
capacities, they provide ample data storage for
multimedia presentations, digital audio and video,
and graphics.
About Fujitsu Computer Products of America, Inc.
Fujitsu Computer Products of America, Inc. is a wholly
owned subsidiary of Fujitsu Limited, a leading provider
of customer-focused IT and communications solutions for the global marketplace. FCPA provides innovative solutions for the U.S.
marketplace. Current product and service offerings include: high-performance hard disk drives, magneto-optical drives, scanners and
scanner maintenance.
Printed in the U.S.A. Qty. 3M DS29400503
©2003 Fujitsu Computer Products of America, Inc. All rights reserved. All statements herein are valid only in the U.S. for U.S. residents,
are based on normal operating conditions, are provided for informational purposes only, and are not intended to create any implied
warranty of merchantability or fitness for a particular purpose. Fujitsu Computer Products of America, Inc. reserves the right to modify
at any time without prior notice these statements, our products, their performance specifications, availability, price, and warranty and
post-warranty programs. Fujitsu and the Fujitsu logo are registered trademarks and The Possibilities are Infinite is a trademark of
Fujitsu Ltd. All other trademarks are the property of their respective owners.
Fujitsu Computer Products of America, Inc.
www.fcpa.fujitsu.com
2904 Orchard Parkway, San Jose, CA 95134-2009. (800) 626-4686 (408) 432-6333 info@fcpa.fujitsu.com
Model
MHT2020AT MHT2030AT MHT2040AT MHT2060AT MHT2080AT
Storage capacity (formatted)
20.0 GB
30.0 GB
40.0 GB
60.0 GB
80.0 GB
Bytes/sector
512
Seek time
Track to Track
1.5 ms typ.
Average
12 ms typ.
Maximum
22 ms typ.
Average latency
7.14 ms
Rotational speed
4,200 RPM
Data transfer to/from host
Up to 100 MB/s
Interface
Ultra ATA/100 (ATA-6)
Buffer size
2 MB
2MB / 8MB
8 MB
Power
Voltage
5 V± 5%
requirements Spin-up
0.90 A max
Operating
2.0 W / 2.1 W typ.
(Read/Write)
Idle
0.65 W typ.
Standby
0.25 W typ.
Sleep
0.10W typ.
Dimensions
Height
9.5 mm (0.37 in.)
Width
70 mm (2.8 in.)
Depth
100 mm (3.9 in.)
Weight
99 g (3.49 oz.) or less
Ambient
Operating
5° C to 55° C (41° F to 131° F)
temperature
Non-operating
-40° C to 65° C (-40° F to 149° F)
Gradient
20° C (68° F) / H or less
Relative
Operating
8% to 90% RH (non-condensing)
humidity
Non-operating
5% to 95% RH (non-condensing)
Max wet bulb
29°C (Op.) / 40°C (Non Op.)
Vibration
Operating
9.8 m/s2 (1.0 G) (5 to 500 Hz)
Non-operating
49m/s2 (5.0 G) (5 to 500 Hz)
Shock
Operating
2,205 m/s2 (225 G) 2ms
Non-operating
8,820 m/s2 (900 G) 1ms; 1,176 m/s2 (120 G) 11ms
Altitude
Operating
-300 to 3,000 m (-1,000 to 10,000 ft.)
Non-operating
-300 to 12,000m (-1,000 to 40,000 ft.)
Acoustic
HDD Ready
24 dBA at 30 cm (typical), 2.3 bels (typical)
noise
Random Seek
28 dBA at 30 cm (typical), 2.7 bels (typical)
Limited Warranty
3 years (from date of purchase). Visit online at
www.fcpa.fujitsu.com/warranties/ or call toll free at (800) 626-4686,
option 2, for full Limited Warranty details and restrictions.
MHT-AT 4200 RPM Series Disk Drive Specifications
MHT-AT Series
4,200 RPM, Ultra ATA/100 2.5-Inch
Mobile Drives



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com