Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4864M/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM4864M/NOPB
Description  725mW Audio Power Amplifier with Shutdown Mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4864M/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM4864M/NOPB Datasheet HTML 1Page - Texas Instruments LM4864M/NOPB Datasheet HTML 2Page - Texas Instruments LM4864M/NOPB Datasheet HTML 3Page - Texas Instruments LM4864M/NOPB Datasheet HTML 4Page - Texas Instruments LM4864M/NOPB Datasheet HTML 5Page - Texas Instruments LM4864M/NOPB Datasheet HTML 6Page - Texas Instruments LM4864M/NOPB Datasheet HTML 7Page - Texas Instruments LM4864M/NOPB Datasheet HTML 8Page - Texas Instruments LM4864M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LM4864
www.ti.com
SNAS109F – SEPTEMBER 1999 – REVISED MAY 2013
Figure 4. DIE LAYOUT (B-STEP)
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
6.0V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD + 0.3V
Power Dissipation (3)
Internally limited
ESD Susceptibility (4)
2000V
ESD Susceptibility (5)
200V
Junction Temperature
150°C
Vapor Phase (60 sec.)
215°C
Soldering
Small Outline Package
Information
Infrared (15 sec.)
220°C
θJC (VSSOP)
56° C/W
θJA (VSSOP)
210°C/W
θJC (SOIC)
35°C/W
θJA (SOIC)
170°C/W
Thermal Resistance
θJC (PDIP)
*
37°C/W
θJA (PDIP)
*
107°C/W
θJA (WSON)
(6)
63°C/W
θJC (WSON)
(6)
12°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not specified for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature
TA. The maximum allowable power dissipation is PDMAX = (TJMAX − TA)/θJA or the number given in the Absolute Maximum Ratings,
whichever is lower. For the LM4864, TJMAX = 150°C. The typical junction-to-ambient thermal resistance, when board mounted, is
230°C/W for package number DGK0008A, 170°C/W for package number D0008A and is 107°C/W for package number P0008E*.
(4)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(5)
Machine Model, 220pF – 240pF discharged through all pins.
(6)
The NGY0010A package has its exposed-DAP soldered to an exposed 1.2in2 area of 1oz printed circuit board copper.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4864



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com