Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCN360C008CF Datasheet(PDF) 13 Page - Lite-On Technology Corporation

Part # FCN360C008CF
Description  RECTANGULAR CONNECTORS FCN360 Series
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

FCN360C008CF Datasheet(HTML) 13 Page - Lite-On Technology Corporation

Back Button FCN360C008CF Datasheet HTML 9Page - Lite-On Technology Corporation FCN360C008CF Datasheet HTML 10Page - Lite-On Technology Corporation FCN360C008CF Datasheet HTML 11Page - Lite-On Technology Corporation FCN360C008CF Datasheet HTML 12Page - Lite-On Technology Corporation FCN360C008CF Datasheet HTML 13Page - Lite-On Technology Corporation FCN360C008CF Datasheet HTML 14Page - Lite-On Technology Corporation FCN360C008CF Datasheet HTML 15Page - Lite-On Technology Corporation FCN360C008CF Datasheet HTML 16Page - Lite-On Technology Corporation FCN360C008CF Datasheet HTML 17Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
FCN-360 Series
13
Dimensions are in millimeters (inches)
www.fujitsu.takamisawa.com
Specifications
subject to change
Contact type
FCN-363J-AU
(Loose piece)
FCN-363J-AU/R
(Strip reeled)
FCN-363J-AU/S
(Loose piece)
FCN-363J-AU/T
(Strip reeled)
CRIMP TYPE (CONTACT)
s DIMENSIONS
Standard contact (applicable wire: AWG #24 to
#28)
Thick wire connection contact (applicable wire:
AWG #22 to #26)
20.05 (0.789)
20.05 (0.789)
Unit: mm (in.)
s PART NUMBERS
Type
Loose piece
Strip reeled
Plating
Gold plating
Gold plating
Standard
FCN-363J-AU
FCN-363J-AU/R
Thick wire connection contact
FCN-363J-AU/S
FCN-363J-AU/T
s PART NUMBERS OF CRIMPING TOOLS
Part number
FCN-363T-T005/H
(Hand crimping tool)
FCN-M110
(Automatic crimping machine)
FCN-A105
(Applicator)
FCN-363T-T011/H
(Hand crimping tool)
FCN-M110
(Automatic crimping machine)
FCN-A111
(Applicator)
[Hand crimping tool]
[Semi-automatic crimping machine,
applicator]
[Contact withdrawal tool]
65 (2.559)
FCN-360T-T001/H
Wire cross-section
area (mm2)
0.20 to 0.24
0.13 to 0.16
0.088 to 0.096
0.30 to 0.40
0.20 to 0.24
0.13 to 0.16
Applicable
wire
AWG #24
AWG #26
AWG #28
AWG #22
AWG #24
AWG #26
Crimp height
Insulator
diameter
φ1.2 mm
(0.047 in.) max
φ1.2 mm
(0.047 in.) max
φ1.2 mm
(0.047 in.) max
1.25 mm (0.049 in.) to
1.30 mm (0.051 in.)
1.20 mm (0.047 in.) to
1.25 mm (0.049 in.)
1.15 mm (0.045 in.) to
1.20 mm (0.047 in.)
Stripped
length
3.0 mm (0.118 in.) to
4.0 mm (0.157 in.)
3.0 mm (0.118 in.) to
4.0 mm (0.157 in.)
3.0 mm (0.118 in.) to
4.0 mm (0.157 in.)
3.0 mm (0.118 in.) to
4.0 mm (0.157 in.)
3.0 mm (0.118 in.) to
4.0 mm (0.157 in.)
3.0 mm (0.118 in.) to
4.0 mm (0.157 in.)
0.85 mm (0.033 in.) to
0.95 mm (0.037 in.)
0.75 mm (0.029 in.) to
0.85 mm (0.033 in.)
0.73 mm (0.028 in.) to
0.81 mm (0.031 in.)
φ0.9 mm (0.035 in.)
1.8 mm (0.071 in.)
φ0.9 mm (0.035 in.)
1.8 mm (0.071 in.)
φ0.9 mm (0.035 in.)
1.8 mm (0.071 in.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com