Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCN362C048CF Datasheet(PDF) 21 Page - Lite-On Technology Corporation

Part # FCN362C048CF
Description  RECTANGULAR CONNECTORS FCN360 Series
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

FCN362C048CF Datasheet(HTML) 21 Page - Lite-On Technology Corporation

Back Button FCN362C048CF Datasheet HTML 17Page - Lite-On Technology Corporation FCN362C048CF Datasheet HTML 18Page - Lite-On Technology Corporation FCN362C048CF Datasheet HTML 19Page - Lite-On Technology Corporation FCN362C048CF Datasheet HTML 20Page - Lite-On Technology Corporation FCN362C048CF Datasheet HTML 21Page - Lite-On Technology Corporation FCN362C048CF Datasheet HTML 22Page - Lite-On Technology Corporation FCN362C048CF Datasheet HTML 23Page - Lite-On Technology Corporation FCN362C048CF Datasheet HTML 24Page - Lite-On Technology Corporation FCN362C048CF Datasheet HTML 25Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
FCN-360 Series
21
Dimensions are in millimeters (inches)
www.fujitsu.takamisawa.com
Specifications
subject to change
COVER (TYPE B)
s DIMENSIONS
Unit: mm (in.)
s EXPLODED VIEW
s PART NUMBERS AND DIMENSIONS
Number of
contacts
8
16
24
32
40
48
56
64
Part number
FCN-360C008-B
FCN-360C016-B
FCN-360C024-B
FCN-360C032-B
FCN-360C040-B
FCN-360C048-B
FCN-360C056-B
FCN-360C064-B
Dimensions: mm (in.)
B
23.34 (0.918)
33.50 (1.318)
43.66 (1.718)
53.82 (2.118)
63.98 (2.518)
74.14 (2.918)
84.30 (3.318)
94.46 (3.718)
F
32.08 (1.262)
42.24 (1.662)
52.40 (2.062)
62.56 (2.462)
72.72 (2.862)
82.88 (3.262)
93.04 (3.662)
103.20 (4.062)
G
—
—
—
2.0 (0.078)
6.0 (0.236)
10.0 (0.393)
14.0 (0.551)
18.0 (0.708)
H
φ 5.7 (0.224)
φ 5.7 (0.224)
φ 8.0 (0.314)
8.0 (0.314)
8.0 (0.314)
8.0 (0.314)
8.0 (0.314)
8.0 (0.314)
Two M2 mm (0.079 in.)
thread
× 8 mm (0.315 in.)
long pan head machine
screws (shorter)
Four M2 mm (0.079 in.) thread nuts
Two washers
Case
Connector
Two lock-screws
Two M2 mm (0.079 in.) thread
× 10 mm (0.394 in.)
long pan head machine screws (longer)
Note: The screws, nuts, washers, and lock-screws
are attached to the cover.
G
R
F
B
14 mm (0.551 in.) max
10.3 (0.405)
FUJITSU
R: 2.84 mm (0.112 in.) (8 and 16 contacts)
R: 4.0 mm (0.157 in.) (24 to 64 contacts)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com