Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP621ACEZ-RL Datasheet(PDF) 15 Page - Analog Devices

Part # ADMP621ACEZ-RL
Description  Wide Dynamic Range Microphone with PDM Digital Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP621ACEZ-RL Datasheet(HTML) 15 Page - Analog Devices

Back Button ADMP621ACEZ-RL Datasheet HTML 8Page - Analog Devices ADMP621ACEZ-RL Datasheet HTML 9Page - Analog Devices ADMP621ACEZ-RL Datasheet HTML 10Page - Analog Devices ADMP621ACEZ-RL Datasheet HTML 11Page - Analog Devices ADMP621ACEZ-RL Datasheet HTML 12Page - Analog Devices ADMP621ACEZ-RL Datasheet HTML 13Page - Analog Devices ADMP621ACEZ-RL Datasheet HTML 14Page - Analog Devices ADMP621ACEZ-RL Datasheet HTML 15Page - Analog Devices ADMP621ACEZ-RL Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
ADMP621
OUTLINE DIMENSIONS
1.50
2.80
BOTTOM VIEW
TOP VIEW
SIDE VIEW
REFERENCE
CORNER
4.10
4.00
3.90
3.10
3.00
2.90
1
2
3
4
5
0.90
2.48
REF
0.72 REF
3.54 REF
1.05 REF
2.05
3.80
0.70
0.30 REF
0.25 DIA.
(THRU HOLE)
1.10 DIA.
R 0.10 (2 ×)
1.70 DIA.
0.95 REF
0.35
0.35
0.30 REF
0.30 REF
1.10
1.00
0.90
0.24 REF
0.40 × 0.60
(Pins 1, 2, 4, 5)
0.30 REF
PIN 1
Figure 23. 5-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV]
4 mm × 3 mm Body
(CE-5-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option2
Ordering Quantity
ADMP621ACEZ-RL
−40°C to +85°C
5-Terminal LGA_CAV, 13”Tape and Reel
CE-5-1
5,000
ADMP621ACEZ-RL7
−40°C to +85°C
5-Terminal LGA_CAV, 7”Tape and Reel
CE-5-1
1,000
EVAL-ADMP621Z-FLEX
Flexible Evaluation Board
1
Z = RoHS Compliant Part.
2
This package option is halide free.
Rev. 0 | Page 15 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com