Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABD471SN4D Datasheet(PDF) 70 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABD471SN4D
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABD471SN4D Datasheet(HTML) 70 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABD471SN4D Datasheet HTML 66Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4D Datasheet HTML 67Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4D Datasheet HTML 68Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4D Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4D Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4D Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4D Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4D Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4D Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
81
s Impedance-Frequency Characteristics
BLM18HD471SN1
BLM18HD601SN1
BLM18HD102SN1
BLM18HK331SN1
BLM18HK471SN1
BLM18HK601SN1
BLM18HK102SN1
BLM18HB121SN1
BLM18HB221SN1
BLM18HB331SN1
BLM Series
Signal Lines Type Chip Ferrite Bead
BLM18H Series (0603 Size)
BLM18H
1
10
100
1000
3000
Frequency (MHz)
0
1600
1200
800
400
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
2000
1500
1000
500
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
3000
2000
2500
1000
1500
500
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
600
450
300
150
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
750
600
450
300
150
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
1000
600
800
400
200
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
1500
1250
750
1000
250
500
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
750
1000
500
250
0
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
1250
1000
750
500
250
0
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
1800
1500
1200
900
300
600
0
Z
R
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com