Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECKDNA331 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECKDNA331
Description  Ceramic Disc Capacitors for Safety Regulations
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKDNA331 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECKDNA331 Datasheet HTML 1Page - Panasonic Semiconductor ECKDNA331 Datasheet HTML 2Page - Panasonic Semiconductor ECKDNA331 Datasheet HTML 3Page - Panasonic Semiconductor ECKDNA331 Datasheet HTML 4Page - Panasonic Semiconductor ECKDNA331 Datasheet HTML 5Page - Panasonic Semiconductor ECKDNA331 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Ceramic Disc Capacitors (Type NS-A)
s Related Standards and Certificate Numbers (Type NS-A)
s Marking
Date code
Plant code
560-2
EN132400
LL2
Marking Items
Recognized Marking (Logo or monogram)
Manufacturer’s identification
Rated Capacitance
Plant code
Date code
EECKDNB472ME as an example
Type designation
VDE
SEV
Sub-class and rated voltage
according to EN132400
Y1-250V~
NS-A
Examples
SEMKO
FIMKO
NEMKO
DEMKO
UL
CSA
Related Standard
BSI (UK)
VDE (Germany)
SEV (Switzerland)
SEMKO (Sweden)
FIMKO (Finland)
NEMKO (Norway)
DEMKO (Denmark)
UL (USA)
CSA (Canada)
BS415: 1994
BS 415: 1990*
EN132 400: 1994
VDE 560-2*: 1970
EN 132 400: 1994
SEV 1016*
:1959
EN 132 400: 1994
EN 132 400: 1994
EN 132 400: 1994
EN 132 400: 1994
UL1414
CSA C22.2 No. 1
226319
226319
87469
87472
39482
39481
91, 1 10016, 04
95, 1 10016, 06
95, 1 10016, 06
9524071
183536-01
P95102393
304133
E62674
LR58064-11
Y1
—
Y1
Y1
—
—
Y1
—
—
Y1
Y1
Y1
Y1
—
—
250 VAC
400 VAC
250 VAC
250 VAC
400 VAC
400 VAC
250 VAC
400 VAC
250 VAC
250 VAC
250 VAC
250 VAC
250 VAC
250 VAC
125 VAC
4000 VAC
2000 VAC
4000 VAC
4000 VAC
2500 VAC
2500 VAC
4000 VAC
4000 VAC
4000 VAC
4000 VAC
4000 VAC
4000 VAC
4000 VAC
1500 VAC
1250 VAC
Certificate No.
Sub-Class
Rated
Voltage
Dielectric
Withstanding
Voltage
Applicable Temp. Char.
B
V
b
† 1500 pF, 2200 pF
†† 3300 pF, 4700 pF
* Type NS-A capacitor covers the previous recognitions of related safety standards with *.
†
††
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety issues arises from this product, please inform us immediately for technical consultation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com