Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78M12AB Datasheet(PDF) 17 Page - STMicroelectronics

Part # L78M12AB
Description  Precision 500 mA regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M12AB Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L78M12AB Datasheet HTML 13Page - STMicroelectronics L78M12AB Datasheet HTML 14Page - STMicroelectronics L78M12AB Datasheet HTML 15Page - STMicroelectronics L78M12AB Datasheet HTML 16Page - STMicroelectronics L78M12AB Datasheet HTML 17Page - STMicroelectronics L78M12AB Datasheet HTML 18Page - STMicroelectronics L78M12AB Datasheet HTML 19Page - STMicroelectronics L78M12AB Datasheet HTML 20Page - STMicroelectronics L78M12AB Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
L78MxxAB, L78MxxAC
Applications information
Doc ID 2147 Rev 13
17/31
7
Applications information
7.1
Design considerations
The L78MxxA series of fixed voltage regulators are designed with thermal overload
protection that shuts down the circuit when subjected to an excessive power overload
condition, internal short-circuit protection that limits the maximum current the circuit will
pass, and output transistor safe-area compensation that reduces the output short-circuit as
the voltage across the pass transistor is increased. In many low current applications,
compensation capacitors are not required. However, it is recommended that the regulator
input be bypassed with a capacitor if the regulator is connected to the power supply filter
with long wire lengths, or if the output load capacitance is large. An input bypass capacitor
should be selected to provide good high-frequency characteristics to insure stable operation
under all load conditions. A 0.33 µF or larger tantalum, mylar, or other capacitor having low
internal impedance at high frequencies should be chosen. The bypass capacitor should be
mounted with the shortest possible leads directly across the regulators input terminals.
Normally good construction techniques should be used to minimize ground loops and lead
resistance drops since the regulator has no external sense lead.
Figure 17.
Current regulator
IO = VXX/R1+Id
Figure 18.
Adjustable output regulator
VO = 7.0 V to 20 V
VI - VO ≥ 2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com