Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRF18BE471QB5RB Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BE471QB5RB
Description  DESIGN ENGINEERING KITS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471QB5RB Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  PRF18BE471QB5RB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PRF18BE471QB5RB Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
G-06-G
Note: Design Kit Contents are subject to change without notice.
3
DESIGN ENGINEERING KITS
TABLE OF CONTENTS
A. 7-3/4x5
B. 8x4x1
C. Soft Plastic Case
D. 4-3/4x4-3/4x3/4
Blue Binder with Sleeves
Blue Binder with Sleeves
Hard Plastic Box
1 For Ceramic Chip Capacitors, dashes are part of the part number and must be included when placing an order.
2 For availability, please check with your Murata Sales Contact. Part Numbers in kits depend on application.
Kit Part Number
Size
Description
Package Style
Style Code
Page
General Ceramic Chip Capacitors1
GRM02-KIT– – – – – – – – E 01005
(6.3 to 16 VDC)
7-3/4x5 blue binder with sleeves
A5
GRM03-KIT– – – – – – – – E 0201
(4 to 25 VDC)
7-3/4x5 blue binder with sleeves
A5
GJM03-KIT– – – – – – – – E
0201
(6.3 to 25 VDC)
7-3/4x5 blue binder with sleeves
A6
GJM03-KIT– T T O L – – – E
0201
(6.3 to 25 VDC)
7-3/4x5 blue binder with sleeves
A6
GJM15-KIT– – – – – – – – E
0402
(50 VDC)
7-3/4x5 blue binder with sleeves
A7
GJM15-KIT– T T O L – – – E
0402
(50 VDC)
7-3/4x5 blue binder with sleeves
A7
GRM15-KIT– – – – – – – – E 0402
(6.3 to 50 VDC)
7-3/4x5 blue binder with sleeves
A8
GRM18-KIT– – – – – – – – E 0603
(6.3 to 50 VDC)
7-3/4x5 blue binder with sleeves
A9
GRM– – – KIT-HICAP– – E
0402-1210 (6.3 to 50 VDC) 1 - 100µF
7-3/4x5 blue binder with sleeves
A
10
GRM– – – KIT-TCHIK– – E
0402-1210 (6.3 to 50 VDC) 150pF - 22µF
7-3/4x5 blue binder with sleeves
A
11
GRM– – – KIT-TC– – – – – E 0402-1206 (25 to 50 VDC) C0G/U2J
7-3/4x5 blue binder with sleeves
A
12
ASCap Hi-Frequency Ceramic Chip Capacitors1
GJM03-KIT– – – – – – – – E
0201
(6.3 to 25 VDC)
7-3/4x5 blue binder with sleeves
A6
GJM03-KIT– T T O L – – – E
0201
(6.3 to 25 VDC)
7-3/4x5 blue binder with sleeves
A6
GJM15-KIT– – – – – – – – E
0402
(50 VDC)
7-3/4x5 blue binder with sleeves
A7
GJM15-KIT– T T O L – – – E
0402
(50 VDC)
7-3/4x5 blue binder with sleeves
A7
GQM18-HIQ0603KIT–E
0603
Hi-Q (50 to 100 VDC)
7-3/4x5 blue binder with sleeves
A
13
GQM18-HIQ250VKIT–E
0603
Hi-Q (250 VDC)
7-3/4x5 blue binder with sleeves
A
13
GQM21-HIQ0805KIT–E
0805
Hi-Q (50 to 100 VDC)
7-3/4x5 blue binder with sleeves
A
14
GQM21-HIQ250VKIT–E
0805
Hi-Q (250 VDC)
7-3/4x5 blue binder with sleeves
A
14
ERB18-HIQ0603KIT–E
0603
Hi-Q (250 VDC)
7-3/4x5 blue binder with sleeves
A
15
ERB21-HIQ0805KIT–E
0805
Hi-Q (250 VDC)
7-3/4x5 blue binder with sleeves
A
15
ERB32-HIQ1210KIT–E
1210
Hi-Q (500 VDC)
7-3/4x5 blue binder with sleeves
A
15
MA19-HIQ0505KIT–E–
0505
Hi-Q (150 VDC)
7-3/4x5 blue binder with sleeves
A
16
MA29-HIQ1111KIT–E–
1111
Hi-Q (50 to 500 VDC)
7-3/4x5 blue binder with sleeves
A
16
MA59-HIQ0505KIT–E–
0505
Hi-Q (150 VDC)
7-3/4x5 blue binder with sleeves
A
17
MA69-HIQ1111KIT–E–
1111
Hi-Q (50 to 500 VDC)
7-3/4x5 blue binder with sleeves
A
17
Low Inductance Capacitors1
LL-LOWESL-KIT-B– – E
0402-1206 Low ESL (4 to 50 VDC)
7-3/4x5 blue binder with sleeves
A
18
Capacitor Arrays1
GNM-CARRAY-KIT-B– E
0504-1206 Cap Array (10 to 50 VDC)
7-3/4x5 blue binder with sleeves
A
19
Automotive Grade Ceramic Chip Capacitors1
GCM15-KIT– – – – – – – –A 0402
(16 to 50 VDC)
7-3/4x5 blue binder with sleeves
A
20
GCM– – – KIT-C0G– – – –A 0603-1206 (50 VDC) C0G, 1pF - .022µF
7-3/4x5 blue binder with sleeves
A
21
GCM– – – KIT-X7R– – – – A 0603-1206 (10 to 50 VDC) 1000pF - 22µF
7-3/4x5 blue binder with sleeves
A
22
GCM– – – KIT-100V– – – A
0603-1206 (100 VDC) C0G, X7R 10pF - .22µF
7-3/4x5 blue binder with sleeves
A
23
Radial Leaded Monolithic Ceramic Chip Capacitors (25 to 630 VDC)2
RPE 100 VDC & less Series
7-3/4x5 green binder with sleeves
A
24
RDE 25, 50, 100, 250 &
7-3/4x5 green binder with sleeves
A
24
630 VDC Series
Medium Voltage Ceramic Chip Capacitors (250 VDC to 3.15 KV)
2
U2J, 250V, 630V, 1KV,
24
2KV, 3.15KV Series
X7R, 250V, 630V Series
24
GR4, X7R, 2KV Series
24
Radial Leaded Medium Voltage Disc Capacitor (500 VDC to 6.3 KV)2
DE Series
General Use
Custom Packaging
24
Monolithic Ceramic Chip Safety Capacitor (250 VAC)
2
GD Series
1808-2220 Class Y3
Custom Packaging
25
GF Series
1808-2220 Class Y2, X1/ Y2
Custom Packaging
25
Radial Leaded Disc Safety Capacitor (250 VAC)2
KX Series
Reinforced Insulation, Class X1, Y1
Custom Packaging
25
KY Series
Basic Insulation, Class X1, Y2
Custom Packaging
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com