Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU95N3LLH6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STU95N3LLH6
Description  N-channel 30 V, 0.0037 Ω , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU95N3LLH6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STU95N3LLH6 Datasheet HTML 2Page - STMicroelectronics STU95N3LLH6 Datasheet HTML 3Page - STMicroelectronics STU95N3LLH6 Datasheet HTML 4Page - STMicroelectronics STU95N3LLH6 Datasheet HTML 5Page - STMicroelectronics STU95N3LLH6 Datasheet HTML 6Page - STMicroelectronics STU95N3LLH6 Datasheet HTML 7Page - STMicroelectronics STU95N3LLH6 Datasheet HTML 8Page - STMicroelectronics STU95N3LLH6 Datasheet HTML 9Page - STMicroelectronics STU95N3LLH6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
STx95N3LLH6
6/18
Doc ID 15228 Rev 3
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Normalized BVDSS vs temperature
Figure 7.
Static drain source on resistance
ID
100
10
1
0.1
0.1
1
VDS(V)
10
(A)
Oper
ation
in
thi
s
are
a i
s
Limited
by
m
ax
R
DS
(on)
100µs
1ms
10ms
Tj=175°C
Tc=25°C
Sinlge
pulse
AM03376v1
10
-5
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Zth=k Rthj-c
δ=tp/τ
tp
τ
Single pulse
δ=0.5
280dpc
ID
150
100
50
0
0
4
VDS(V)
(A)
2
200
250
VGS=10V
3V
4V
5V
6V
7V
300
AM03379v1
ID
150
100
50
0
0
4
VGS(V)
(A)
2
200
250
VDS=2V
300
8
6
AM03380v1
BVDSS
-55
-5
TJ(°C)
(norm)
-30
70
20
45
95
0.90
0.95
1.00
1.05
120 145
@250µA
AM03381v1
RDS(on)
3
2
1
0
0
20
ID(A)
(m
Ω)
10
30
4
5
6
7
VGS=10V
40
AM03382v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com