Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVJC90 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EVJC90
Description  Rotary Potentiometers/EVJC/EVJY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVJC90 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EVJC90 Datasheet HTML 1Page - Panasonic Semiconductor EVJC90 Datasheet HTML 2Page - Panasonic Semiconductor EVJC90 Datasheet HTML 3Page - Panasonic Semiconductor EVJC90 Datasheet HTML 4Page - Panasonic Semiconductor EVJC90 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Rotary Potentiometers/EVJC/EVJY
100
80
60
40
33
20
020
40
60 70
Power Derating Curve
Ambient Temperature(
°C)
■ Specifications
Classification
Item
Applications
12 mm square Two-in-One
Mechanical
Specifications
Rotation Angle
300 °
Rotation Torque
2 mN·m to 20 mN·m
Shaft Stopper Strength
0.5 N·m min.
Shaft Pull/Push Strength
80 N min.
Shaft Inclination
(Measured at the top of the shaft)
0.35 mm max.
Bushing-Nut Tightening Torque
1 N·m max.
Electrical
Specifications
Nominal Total Resistance
5 k
to 500 k
(Tolerance ±20 %)
Taper
A, B, C, D, G, BH
Power Rating
0.05 W (0 °C to 50 °C)
For potentiometers operating in ambient
temperatures above 50 °C, Rating
should be derated in accordance with
the figure on the right.
Residual Resistance
Maximum Attenuation
(for volume control,
taper A, B, D)
Nominal total resistance
Max. Attenuation
Insertion loss
5 k
< R < 10 k
–65 dB max.
0.1 dB max.
10 k
< R < 50 k
–72 dB max.
50 k
< R < 100 k
–82 dB max.
100 k
< R
–92 dB max.
Tracking
For volume control within
±3 dB at –40 to 0 dB
For Tone control within
±3 dB at midpoint
Insulation Resistance
100 M
min. at 250 Vdc
Dielectric Withstand Voltage
300 Vac for 1 minute
Noise Level
47 mV max.
Apply 20 V (When Voltage Rating < 20 V, use the rated voltage.)
Rotate shaft at 30 r/min.
Endurance
Operating Life
✽115000 cycles min.
Minimum Quantity/Packing Unit
✽2
80 pcs. (Tray Pack)
L
<20.0 mm
60 pcs. (Tray Pack)
L>20.0 mm
Packing Unit
✽2
800 pcs.
L
<20.0 mm
600 pcs.
L>20.0 mm
✽1 : No direct current should be applied.
✽2 : With bushing : L=L+7.5 mm
Type
For general purpose (tone)
For volume control
Taper &
Terminal
Nominal
Total
Resistance
A, B, D, G
1 to 2
B, C, G
2 to 3
A, D
2 to 3
C
1 to 2
A, B, D
1 to 2
A, B, D
2 to 3
C
1 to 2
C
2 to 3
5 k < R
< 50 k
25
max.
25
max.
15
max.
25
max.
20
max.
50 k < R
< 250 k
25
max.
50
max.
15
max.
50
max.
20
max.
250 k < R
< 500 k
100
max.
100
max.
50
max.
100
max.
50
max.
Dec. 2005



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com